Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5161BRMZ100-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5161BRMZ100-RL7
Szczegółowy opis  256-Position SPI/I2C Selectable Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5161BRMZ100-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5161BRMZ100-RL7 Datasheet HTML 3Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 4Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 5Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 6Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 7Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 8Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 9Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 10Page - Analog Devices AD5161BRMZ100-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5161
Rev. B | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
10
9
8
7
6
A
B
CS/ADO
SDO/NC
SDI/SDA
DD
AD5161
TOP VIEW
(Not to Scale)
W
V
DIS
GND
CLK/SCL
Figure 3. Pin Configuration
Table 5. Pin Function Description
Pin No.
Mnemonic
Description
1
A
A Terminal.
2
B
B Terminal.
3
CS/AD0
Chip Select (CS) Input, Active Low. When CS returns high, data will be loaded into the DAC register.
Programmable address bit 0 (AD0) for multiple package decoding.
4
SDO/NC
Serial Data Output (SDO). Open-drain transistor requires pull-up resistor.
No Connect (NC).
5
SDI/SDA
Serial Data Input (SDI).
Serial Data Input/Output (SDA).
6
CLK/SCL
Serial Clock Input. Positive edge triggered.
7
GND
Digital Ground.
8
DIS
Digital Interface Select (SPI/I2C Select). SPI when DIS = 0, I2C when DIS = 1.
9
V
DD
Positive Power Supply.
10
W
W Terminal.


Podobny numer części - AD5161BRMZ100-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
More results

Podobny opis - AD5161BRMZ100-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com