Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431CP Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części TL431CP
Szczegółowy opis  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TL431CP Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  TL431CP Datasheet HTML 1Page - Fairchild Semiconductor TL431CP Datasheet HTML 2Page - Fairchild Semiconductor TL431CP Datasheet HTML 3Page - Fairchild Semiconductor TL431CP Datasheet HTML 4Page - Fairchild Semiconductor TL431CP Datasheet HTML 5Page - Fairchild Semiconductor TL431CP Datasheet HTML 6Page - Fairchild Semiconductor TL431CP Datasheet HTML 7Page - Fairchild Semiconductor TL431CP Datasheet HTML 8Page - Fairchild Semiconductor TL431CP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL431/TL431A
3
Electrical Characteristics
(TA = +25
°C, unless otherwise specified)
•TMIN= -25
°C, TMAX= +85 °C
Parameter
Symbol
Conditions
TL431
TL431A
Unit
Min.
Typ.
Max.
Min.
Typ. Max.
Reference Input Voltage
VREF
VKA=VREF, IKA=10mA
2.440 2.495
2.550 2.470 2.495 2.520
V
Deviation of Reference
Input Voltage Over-
Temperature (Note 1)
∆VREF/
∆T
VKA=VREF, IKA=10mA
TMIN
≤TA≤TMAX
-
4.5
17
-
4.5
17
mV
Ratio of Change in
Reference Input Voltage
∆VREF/
∆VKA
IKA
=10mA
∆VKA=10V-
VREF
-
- 10
-2.7
-
-1.0
-2.7
mV/V
to the Change in
Cathode Voltage
∆VKA=36V-
10V
-
-0.5
-2.0
-
-0.5
-2.0
Reference Input Current
IREF
IKA=10mA,
R1=10K
Ω,R2=∞
-1.5
4
-
1.5
4
µA
Deviation of Reference
Input Current Over Full
Temperature Range
∆IREF/∆T
IKA=10mA,
R1=10KΩ,R2=∞
TA =Full Range
-
0.4
1.2
-
0.4
1.2
µA
Minimum Cathode Cur-
rent for Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
-
0.45
1.0
mA
Off - Stage Cathode
Current
IKA(OFF)
VKA=36V,
VREF=0
-
0.05
1.0
-
0.05
1.0
µA
Dynamic Impedance
(Note 2)
ZKA
VKA=VREF,
IKA=1 to 100mA
f
≥1.0KHz
-
0.15
0.5
-
0.15
0.5


Podobny numer części - TL431CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
TL431CP MOTOROLA-TL431CP Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431CP TI-TL431CP Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
ON Semiconductor
TL431CP ONSEMI-TL431CP Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431CP TI-TL431CP Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
NXP Semiconductors
TL431CP PHILIPS-TL431CP Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
More results

Podobny opis - TL431CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com