Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP624F Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP624F
Szczegółowy opis  Programmable Controllers AC/DC?묲nput Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP624F Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP624F Datasheet HTML 1Page - Toshiba Semiconductor TLP624F Datasheet HTML 2Page - Toshiba Semiconductor TLP624F Datasheet HTML 3Page - Toshiba Semiconductor TLP624F Datasheet HTML 4Page - Toshiba Semiconductor TLP624F Datasheet HTML 5Page - Toshiba Semiconductor TLP624F Datasheet HTML 6Page - Toshiba Semiconductor TLP624F Datasheet HTML 7Page - Toshiba Semiconductor TLP624F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP624,TLP624
−2,TLP624−4
2007-10-01
5
ΔVF / ΔTa – IF
Forward current IF (mA)
2.8
0.4
0.3
50
0.1
0.8
1.2
1.6
2.0
2.4
0.5
1
3
5
10
30
1
IFP – VFP
Pulse forward voltage VFP (V)
1000
0
500
300
100
50
30
10
5
3
0.4
0.8
1.2
1.6
2.0
2.4
Pulse width ≦ 10 μs
Repetitive
Frequency = 100 Hz
Ta = 25 °C
IF – Ta
Ambient temperature Ta (°C)
100
0
–20
80
60
40
20
0
20
40
60
80
100
120
TLP624
TLP624-2,-4
IF – VF
Forward voltage VF (V)
100
0.1
0.4
50
30
10
5
3
1
0.5
0.3
0.6
0.8
1.0
1.2
1.4
1.6
Ta = 25 °C
Duty cycle ratio DR
IFP – DR
5000
10
3
3000
1000
500
300
100
50
30
10
3
3
10
2
3
10
1
3
10
0
Pulse width ≦ 100 μs
Ta = 25 °C
Ambient temperature Ta (°C)
PC – Ta
200
0
160
120
80
40
20
0
20
40
60
80
100
120
TLP624
TLP624-2,-4


Podobny numer części - TLP624F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
logo
ISOCOM COMPONENTS
TLP624 ISOCOM-TLP624 Datasheet
752Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Podobny opis - TLP624F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624BV TOSHIBA-TLP624BV Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com