Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC8045-H Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TPC8045-H
Szczegółowy opis  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8045-H Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TPC8045-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8045-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8045-H
2013-11-01
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSⅥ-H)
TPC8045-H
Switching Regulator Applications
Motor Drive Applications
DC-DC Converter Applications
• Small footprint due to a small and thin package
• High-speed switching
• Small gate charge: QSW = 23 nC (typ.)
• Low drain-source ON-resistance:
RDS (ON) = 2.7 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 67 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 40 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
40
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
40
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
18
Drain current
Pulsed (Note 1)
IDP
72
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single-pulse avalanche energy
(Note 3)
EAS
150
mJ
Avalanche current
IAR
18
A
Repetitive avalanche energy
(Tc=25℃) (Note 4)
EAR
0.06
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1B
Weight: 0.085g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
Start of commercial production
2008-10


Podobny numer części - TPC8045-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8045-H TOSHIBA-TPC8045-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - TPC8045-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com