Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD743JRZ-16 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD743JRZ-16
Szczegółowy opis  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD743JRZ-16 Arkusz danych(HTML) 3 Page - Analog Devices

  AD743JRZ-16 Datasheet HTML 1Page - Analog Devices AD743JRZ-16 Datasheet HTML 2Page - Analog Devices AD743JRZ-16 Datasheet HTML 3Page - Analog Devices AD743JRZ-16 Datasheet HTML 4Page - Analog Devices AD743JRZ-16 Datasheet HTML 5Page - Analog Devices AD743JRZ-16 Datasheet HTML 6Page - Analog Devices AD743JRZ-16 Datasheet HTML 7Page - Analog Devices AD743JRZ-16 Datasheet HTML 8Page - Analog Devices AD743JRZ-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. E
AD743
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD743 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD743J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; and functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2 8-lead PDIP:
JA = 100
°C/W,
JC = 30
°C/W.
16-lead SOIC: JA = 100
°C/W,
JC = 30
°C/W.
ESD SUSCEPTIBILITY
An ESD classification per method 3015.6 of MIL-STD-883C has
been performed on the AD743. The AD743 is a Class 1 device,
passing at 1000 V and failing at 1500 V on null Pins 1 and 5,
when tested, using an IMCS 5000 automated ESD tester. Pins
other than null pins fail at greater than 2500 V.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD743JN
0
°C to 70°C
N-8
AD743JR-16
0
°C to 70°C
R-16
AD743JR-16-REEL
0
°C to 70°CTape and Reel
AD743JR-16-REEL7
0
°C to 70°CTape and Reel
*N = PDIP; R = SOIC.


Podobny numer części - AD743JRZ-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

Podobny opis - AD743JRZ-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12