Zakładka z wyszukiwarką danych komponentów |
|
5-104656-5 Arkusz danych(PDF) 6 Page - Tyco Electronics |
|
5-104656-5 Arkusz danych(HTML) 6 Page - Tyco Electronics |
6 / 321 page 6 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 AMPMODU Interconnection System 1 PC/104, Press-Fit Stackthrough, No Standoffs Gold plated contacts* Part No. 1375795-1 (keyed), Part No. 1375795-2 (unkeyed) Gold plated contacts with Tin plated compliant pin section** Part No. 1375795-3 (keyed), Part No. 1375795-4 (unkeyed) .390 [9.90] .195 [4.95] Typ. 3.21 [81.60] 2.01 [51.11] Plugged Circuit Plugged Circuit Sq. Typ. .025 [0.64] Typ. .100 [2.54] .483 ±.013 [12.27 ±0.34] Typ. .435 [11.05] Typ. .100 [2.54] .300 [7.62] 3.10 [78.74] Recommended PC Board Layout See Customer Drawing for Hole Geometry and Recommended Plating. Keyed .300 [7.62] 3.10 [78.74] Unkeyed Non-Stackthrough, No Standoffs Tin-lead plated tails* Part No. 1375796-1 (keyed), Part No. 1375796-2 (unkeyed) Matte tin plated tails** Part No. 1375796-3 (keyed), Part No. 1375796-4 (unkeyed) Typ. .100 [2.54] .119 ±.013 [3.03 ±0.34] Typ. .435 [11.05] Typ. .100 [2.54] .390 [9.90] .195 [4.95] Typ. 3.21 [81.60] 2.01 [51.11] Plugged Circuit Plugged Circuit Material and Finish Housing — Glass filled thermoplastic, Black, 94V-0 rated Contacts Stackthrough — Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000005 [0.000130] min. Gold on remainder, all over .000050 [0.00127] Nickel or Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000100-.000200 [0.000254-.00508] matte tin on compliant section, .000005 {0.000130] min. Gold on remainder of post, all over .000050 [0.00127] Nickel Non-Stackthrough — Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000100 [0.00254] matte tin or tin-lead on remainder, all over .000050 [0.00127] Nickel Screwlocks — Steel, Clear Chromate over Zinc Note: All part numbers are RoHS compliant. * For RoHS exempt Tin-lead processes (including ENIG Plated PCB’s) ** for Silver Immersion processes or where a total lead free solution is desired |
Podobny numer części - 5-104656-5 |
|
Podobny opis - 5-104656-5 |