Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS12-300 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części GS12-300
Szczegółowy opis  RING TONGUE TERMINAL Non-insulated DIN 46234
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

GS12-300 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  GS12-300 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS12-300 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS12-300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
89
ø d1
ød2
ød3
r
as
Stud Size
Metric
Part No.
Nominal Size
DIN46234
Tool No.
Qty/box
Dimensions mm (in.)
Applicable Wire
mm2 (AWG#)
8
10
10
12
12
16
16
20
8
10
12
16
16
20
10
12
16
18
20
10
12
16
10
12
12
16
16
22
10
12
12
16
22
8-95
10-95
12-95
16-95
8-120
10-120
12-120
16-120
10-150
12-150
16-150
18-150
10-185
12-185
16-185
10-240
12-240
16-240
GS8-95
GS10-95
GS10L-95
GS12-95
GS12L-95
GS16-95
GS16LL-95
GS20L-95
GS8-120
GS10-120
GS12-120
GS16-120
GS16S-120
GS20-120
GS10-150
GS12-150
GS16-150
GS18-150
GS20-150
GS10-185
GS12-185
GS16-185
GS10-240
GS12-240
GS12L-240
GS16-240
GS16L-240
GS22L-240
GS10-300
GS12-300
GS12L-300
GS16-300
GS22L-300
24.0 (.945)
24.0 (.945)
27.0 (1.063)
24.0 (.945)
27.0 (1.063)
28.0 (1.102)
32.0 (1.260)
32.0 (1.260)
24.0 (.945)
24.0 (.945)
24.0 (.945)
28.0 (1.102)
32.0 (1.260)
32.0 (1.260)
30.0 (1.181)
30.0 (1.181)
30.0 (1.181)
36.0 (1.417)
36.0 (1.417)
38.0 (1.496)
38.0 (1.496)
44.0 (1.732)
38.0 (1.496)
44.0 (1.732)
44.0 (1.732)
8.4 (.331)
10.5 (.413)
10.5 (.413)
13.0 (.512)
13.0 (.512)
17.0 (.669)
17.0 (.669)
21.0 (.827)
8.4 (.331)
10.5 (.413)
13.0 (.512)
17.0 (.669)
17.0 (.669)
21.0 (.827)
10.5 (.413)
13.0 (.512)
17.0 (.669)
19.0 (.748)
21.0 (.827)
10.5 (.413)
13.0 (.512)
17.0 (.669)
10.5 (.413)
13.0 (.512)
13.0 (.512)
17.0 (.669)
17.0 (.669)
23.0 (.906)
10.5 (.413)
13.0 (.512)
13.0 (.512)
17.0 (.669)
23.0 (.906)
13.0 (.512)
13.0 (.512)
14.0 (.551)
13.0 (.512)
14.0 (.551)
16.0 (.630)
18.0 (.709)
18.0 (.709)
13.0 (.512)
13.0 (.512)
13.0 (.512)
16.0 (.630)
20.0 (.787)
25.0 (.984)
16.0 (.630)
16.0 (.630)
16.0 (.630)
20.0 (.787)
30.0 (1.181)
20.0 (.787)
20.0 (.787)
25.0 (.984)
20.0 (.787)
25.0 (.984)
25.0 (.984)
26.0 (1.024)
26.0 (1.024)
30.0 (1.181)
26.0 (1.024)
30.0 (1.181)
2.5 (.098)
2.5 (.098)
2.3 (.091)
2.5 (.098)
2.3 (.091)
2.5 (.098)
2.3 (.091)
2.3 (.091)
3.0 (.118)
3.0 (.118)
3.0 (.118)
3.0 (.118)
2.6 (.102)
2.6 (.102)
15.0(.591)
15.0(.591)
14.5(.571)
15.0(.591)
14.5(.571)
15.0(.591)
14.5(.571)
14.5(.571)
42.0 (1.654)
42.0 (1.654)
40.7 (1.602)
42.0 (1.654)
40.7 (1.602)
44.0 (1.732)
52.0 (2.047)
52.0 (2.047)
44.0 (1.732)
44.0 (1.732)
44.0 (1.732)
48.0 (1.890)
53.0 (2.087)
53.0 (2.087)
50.0 (1.969)
50.0 (1.969)
50.0 (1.969)
63.0 (2.480)
63.0 (2.480)
56.0 (2.205)
56.0 (2.205)
69.0 (2.717)
56.0 (2.205)
69.0 (2.717)
69.0 (2.717)
69.0 (2.717)
69.0 (2.717)
80.5 (3.169)
69.0 (2.717)
80.5 (3.169)
32.0(1.260)
32.0(1.260)
31.5(1.240)
32.0(1.260)
31.5(1.240)
31.5(1.240)
23.5(.925)
23.5(.925)
24.0(.945)
23.5(.925)
24.0(.945)
24.0(.945)
21.0(.827)
35.5
(1.398)
20.0
(.787)
22.0
(.866)
36.0
(1.417)
50.5
(1.988)
16.5
(.650)
19.0
(.748)
19.5
(.768)
3.2
(.126)
21.0
(.827)
3.5
(.138)
4.0
(.157)
28.0
(1.102)
4.5
(.177)
25
5
25
10
20
25
25
50
25
5
5
>70 to 95
(3/0)
>95 to 120
(4/0)
>120 to 150
(250 to 300MCM)
>150 to 185
(300 to 350MCM)
>185 to 240
(350 to 450MCM)
>240 to 300
(500 to 600MCM)
JSH-325
JSH-325
JS-150D
JSHR-150
YH-540
JS-150D
JSHR-150
YH-540
JS-150D
JSHR-150
16.0
(.630)
50.0
(1.969)
28.0
(1.102)
24.0
(.946)
27.0
(1.063)
DIN terminals / splices
RING TONGUE TERMINAL Non-insulated DIN 46234
a
¿d2
Brazed seam
Note :1) Contact J.S.T. Europe N.V., Belgium for the above tools.
2) Delivery lead times may vary depending on the product. Contact JST for details.


Podobny numer części - GS12-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
More results

Podobny opis - GS12-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
8216 ETC2-8216 Datasheet
238Kb / 1P
   INSULATED RING TONGUE TERMINAL
logo
Keystone Electronics Co...
8212 KEYSTONE-8212 Datasheet
79Kb / 1P
   INSULATED RING TONGUE TERMINAL
10.19.07
logo
PANDUIT CORP.
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
   2 BARREL NON- INSULATED RING TONGUE
logo
Adam Technologies, Inc.
5RT-142-295-20-16-J ADAM-TECH-5RT-142-295-20-16-J Datasheet
62Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P22-6R-C PANDUIT-P22-6R-C Datasheet
72Kb / 1P
   Ring Terminal, Non-Insulated
logo
Adam Technologies, Inc.
5RT-169-315-20-16-T-A ADAM-TECH-5RT-169-315-20-16-T-A Datasheet
57Kb / 1P
   RING TERMINAL NON INSULATED
logo
PANDUIT CORP.
P4-38R-T PANDUIT-P4-38R-T Datasheet
85Kb / 1P
   4 BARREL NON-INSULATED RING TONGUE
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
   2 BARREL NON-INSULATED RING TONGUE
P18-4R PANDUIT-P18-4R Datasheet
60Kb / 1P
   22-18 BARREL NON-INSULATED RING TONGUE
P14-4R PANDUIT-P14-4R Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com