Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4033 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części 2N4033
Szczegółowy opis  Small Signal Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4033 Arkusz danych(HTML) 6 Page - ON Semiconductor

  2N4033 Datasheet HTML 1Page - ON Semiconductor 2N4033 Datasheet HTML 2Page - ON Semiconductor 2N4033 Datasheet HTML 3Page - ON Semiconductor 2N4033 Datasheet HTML 4Page - ON Semiconductor 2N4033 Datasheet HTML 5Page - ON Semiconductor 2N4033 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N4029, 2N4033
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−39 3−Lead
CASE 205AB
ISSUE A
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
SEATING
PLANE
R
F
B
C
K
L
P
D
3X
M
H
J
S
B
0.007 (0.18MM)
C M
A
N
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.350
0.370
8.89
9.40
B
0.315
0.335
8.00
8.51
C
0.240
0.260
6.10
6.60
D
0.016
0.019
0.41
0.48
E
0.009
0.125
0.23
3.18
F
0.016
0.019
0.41
0.48
N
0.200 BSC
5.08 BSC
H
0.028
0.034
0.71
0.86
J
0.029
0.040
0.73
1.02
K
0.500
0.580
12.70
14.73
L
0.250
---
6.35
---
M
45 BSC
45 BSC
R
0.054 BSC
1.37 BSC
P
---
0.050
---
1.27
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION J MEASURED FROM DIAMETER A TO EDGE.
4. LEAD TRUE POSITION TO BE DETERMINED AT THE GUAGE
PLANE DEFINED BY DIMENSION R.
5. DIMENSION F APPLIES BETWEEN DIMENSION P AND L.
6. DIMENSION D APPLIES BETWEEN DIMENSION L AND K.
7. BODY CONTOUR OPTIONAL WITHIN ZONE DEFINED BY DIMEN­
SIONS A, B, AND T.
8. DIMENSION B SHALL NOT VARY MORE THAN 0.010 IN ZONE P.
T
---
0.030
---
0.76
U
0.100
---
2.54
---
A
B
A
DETAIL X
U
NOTE 5
NOTES 4 & 6
C
U
E
2
3
1
DETAIL X
NOTE 7
T
LEAD IDENTIFICATION
DETAIL
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
2N4029/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - 2N4033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
   GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
42Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
Central Semiconductor C...
2N4033 CENTRAL-2N4033 Datasheet
499Kb / 2P
   PNP SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
More results

Podobny opis - 2N4033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
JANTX2N4033 ONSEMI-JANTX2N4033 Datasheet
105Kb / 4P
   Small Signal Switching Transistor
March, 2013 ??Rev. P0
JAN2N2222A ONSEMI-JAN2N2222A Datasheet
90Kb / 3P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
2N2219 ONSEMI-2N2219 Datasheet
103Kb / 4P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N2905A NJSEMI-2N2905A Datasheet
206Kb / 3P
   Small Signal Switching Transistor
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
   COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com