Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25-822JALF Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części CAT25-822JALF
Szczegółowy opis  CAT25 - Thick Film Chip Resistor Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT25-822JALF Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  CAT25-822JALF Datasheet HTML 1Page - Bourns Electronic Solutions CAT25-822JALF Datasheet HTML 2Page - Bourns Electronic Solutions CAT25-822JALF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.30 ± 0.20
(.012 ± .008)
0.25 ± 0.20
(.010 ± .008)
0.55 ± 0.10
(.022 ± .004)
2.10 ± 0.20
(.083 ± .008)
4.00 ± 0.20
(.157 ± .008)
0.50 ± 0.20
(.020 ± .008)
0.35 ± 0.20
(.014 ± .008)
0.80 ± 0.10
(.032 ± .004)
0.30 +0.10/-0.20
(.012 +.004/-.008)
DIA.
0.40 ± 0.20
(.016 ± .008)
Features
Concave terminals
RoHS compliant*
8 bit multiple applications
Smallest bussed chip array
E 24 Series from 10 ohms to 1 megohm
CAT25 - Thick Film Chip Resistor Arrays
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
How To Order
CA T 25 - 103 J A LF
Product
CA = Chip Array
Pin Style
T = Concave
Model
Resistance Value
103 = 10K ohms
Tolerance
J = 5 %
Electrical Circuit
A = 8 Resistors, Bussed Type
Terminations
LF = Tin-plated (RoHS compliant)
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
Electrical Characteristics
Parameters
CAT25
Test Method
Number of Resistors
8
Resistance Range E24
10 ohms to 1 megohm
Resistance Tolerance
5 %
JIS-C-5202.5.1
Power Rating/Resistor
62.5 mW
Rating Temperature
+70 °C
T.C.R.
±200 ppm/°C
JIS-C-5202.5.2
Maximum Operating Voltage
25 V
Operating Temperature
-55 °C to +125 °C
Environmental Characteristics
Specification
Characteristics
Test Method
Short Time Overload
±(3 % +0.1 ohm)
JIS-C-5202.5.5
Load Life
±(5 % +0.1 ohm)
JIS-C-5202.7.10
Humidity Load Life
±(3 % +0.1 ohm)
JIS-C-5202.7.9
Resistance to Soldering Heat
±(1 % +0.1 ohm)
JIS-C-5202.6.4
Terminal Strength
±(1 % +0.1 ohm)
JIS-C-5202.6.
Temperature Cycle
±(2 % +0.1 ohm)
JIS-C-5202.7.4
Vibration
±(1 % +0.1 ohm)
JIS-C-5202.6.3
Insulation Resistance
1000 megohms minimum
JIS-C-5202.5.6
Dielectric Withstanding Voltage
50 VRMS
JIS-C-5202.5.7
Lead Solderability
>95 %
JIS-C-5202.6.5
Outline Drawing
Land Pattern
0.80
(.032)
0.4 - 0.5
(.016 - .020)
2.8 - 3.0
(.110 - .118)
3.3 - 3.4
(.130 - .133)
4.8 - 5.2
(.190 - .205)
0.9 - 1.1
(.035 - .043)
3.2 - 3.5
(.125 - .138)
DIMENSIONS:
MM
(INCHES)
Electrical Circuit


Podobny numer części - CAT25-822JALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CAT25-103A BOURNS-CAT25-103A Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103ALF BOURNS-CAT25-103ALF Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103J BOURNS-CAT25-103J Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JLF BOURNS-CAT25-103JLF Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
More results

Podobny opis - CAT25-822JALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com