Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ACS Arkusz danych(PDF) 10 Page - Analog Intergrations Corporation

Numer części TL431ACS
Szczegółowy opis  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIC [Analog Intergrations Corporation]
Strona internetowa  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACS Arkusz danych(HTML) 10 Page - Analog Intergrations Corporation

Back Button TL431ACS Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 9Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 10Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AIC431/TL431A/TL431
10
n PHYSICAL DIMENSIONS
l 8 LEAD PLASTIC SO (unit: mm)
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L
l SOT-23 (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90 (TYP)
H
2.60
3.00
L
0.37
H
A1
A
A2
b
θ1
L
C
D
E
e
θ1
l SOT-23 MARKING
Part No.
Marking
Part No.
Marking
AIC431CUN
AC1N
AIC431CUS
AC1S
TL431CUN
AC2N
TL431CUS
AC2S
TL431ACUN
AC3N
TL431ACUS
AC3S


Podobny numer części - TL431ACS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431AC PHILIPS-TL431AC Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AC STMICROELECTRONICS-TL431AC Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431AC STMICROELECTRONICS-TL431AC Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ACCT STMICROELECTRONICS-TL431ACCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
ON Semiconductor
TL431ACD ONSEMI-TL431ACD Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

Podobny opis - TL431ACS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com