Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD586BR-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD586BR-REEL7
Szczegółowy opis  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD586BR-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD586BR-REEL7 Datasheet HTML 1Page - Analog Devices AD586BR-REEL7 Datasheet HTML 2Page - Analog Devices AD586BR-REEL7 Datasheet HTML 3Page - Analog Devices AD586BR-REEL7 Datasheet HTML 4Page - Analog Devices AD586BR-REEL7 Datasheet HTML 5Page - Analog Devices AD586BR-REEL7 Datasheet HTML 6Page - Analog Devices AD586BR-REEL7 Datasheet HTML 7Page - Analog Devices AD586BR-REEL7 Datasheet HTML 8Page - Analog Devices AD586BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD586
Rev. G | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to Ground
36 V
Power Dissipation (25°C)
500 mW
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Package Thermal Resistance
θJC
22°C/W
θJA
110°C/W
Output Protection
Output safe for indefinite
short to ground or VIN.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD586BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD586BR-REEL7 AD-AD586BR-REEL7 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Podobny opis - AD586BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com