Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7872BR Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7872BR
Szczegółowy opis  LC2MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7872BR Arkusz danych(HTML) 5 Page - Analog Devices

  AD7872BR Datasheet HTML 1Page - Analog Devices AD7872BR Datasheet HTML 2Page - Analog Devices AD7872BR Datasheet HTML 3Page - Analog Devices AD7872BR Datasheet HTML 4Page - Analog Devices AD7872BR Datasheet HTML 5Page - Analog Devices AD7872BR Datasheet HTML 6Page - Analog Devices AD7872BR Datasheet HTML 7Page - Analog Devices AD7872BR Datasheet HTML 8Page - Analog Devices AD7872BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7871/AD7872
–5–
REV. D
AD7872 PIN FUNCTION DESCRIPTION
DIP
No.
Mnemonic
Function
1
CONTROL
Control Input. With this pin at 0 V, the SCLK is noncontinuous; with this pin at –5 V, the SCLK
is continuous.
2
CONVST
Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This
input is asynchronous to the CLK.
3
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying
this pin to VSS, enables the internal laser-trimmed oscillator.
4
SSTRB
This is an active low three-state output that provides a framing pulse for serial data. An external
4.7 k
Ω pull-up resistor is required on SSTRB.
5
SCLK
Serial Clock. SCLK is the gated serial clock output derived from the internal or external ADC
clock. If the 14/
8/CLK input is at –5 V, then the SCLK runs continuously. With CONTROL
at 0 V, it is gated off (three-state) after serial transmission is complete. SCLK is an open-drain
output and requires an external 2 k
Ω pull-up resistor.
6
SDATA
Serial Data. This is the three-state serial data output used in conjunction with SCLK and
SSTRB in
serial data transmission. Serial data is valid on the falling edge of SCLK, when
SSTRB is low. An
external 4.7 k
Ω pull-up resistor is required on SDATA.
7
NC
No Connect.
8
DGND
Digital Ground. Ground return for digital circuitry.
9VDD
Positive Supply for analog circuitry, +5 V
± 5%.
10
NC
No Connect.
11
CREF
Decoupling point for on-chip reference. Connect 10 nF capacitor between this pin and AGND.
12
AGND
Analog Ground. Ground reference for analog circuitry.
13
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load
capability is 500
µA.
14
VIN
Analog Input. The input range is
±3 V.
15
VSS
Negative Supply, –5 V
± 5%.
16
VDD
Positive Supply for analog circuitry, +5 V
± 5%. Pin 16 and Pin 9 should be connected together.
PIN CONFIGURATIONS
DIP
DIP, SOIC
PLCC


Podobny numer części - AD7872BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7872BR AD-AD7872BR Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Podobny opis - AD7872BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com