Zakładka z wyszukiwarką danych komponentów |
|
ADF4360-1 Arkusz danych(PDF) 11 Page - Analog Devices |
|
ADF4360-1 Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 28 page AD8348 Rev. A | Page 11 of 28 TYPICAL PERFORMANCE CHARACTERISTICS VGA AND DEMODULATOR VGIN (V) 0.2 0.3 0.4 –20 –5 –10 –15 10 5 0 30 25 20 15 –6 –3 –4 –5 0 –1 –2 4 3 2 1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 T = –40°C, VPOS = 5V, FREQ = 380MHz LINERR T = +85°C, VPOS = 5V, FREQ = 380MHz LINERR T = +25°C, VPOS = 5V, FREQ = 380MHz LINERR T = –40°C, VPOS = 5V, FREQ = 380MHz T = +25°C, VPOS = 5V, FREQ = 380MHz T = +85°C, VPOS = 5V, FREQ = 380MHz Figure 12. Mixer Gain and Linearity Error vs. VGIN, VPOS = 5 V, FIF = 380 MHz, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C VGIN (V) 0.2 0.3 0.4 –25 –10 –15 –20 5 0 –5 25 20 15 10 –6 –3 –4 –5 0 –1 –2 4 3 2 1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 T = –40°C, VPOS = 5V, FREQ = 900MHz T = +85°C, VPOS = 5V, FREQ = 900MHz LINERR T = +85°C, VPOS = 5V, FREQ = 900MHz LINERR T = +25°C, VPOS = 5V, FREQ = 900MHz LINERR T = –40°C, VPOS = 5V, FREQ = 900MHz T = +25°C, VPOS = 5V, FREQ = 900MHz Figure 13. Mixer Gain and Linearity Error vs. VGIN, VPOS = 5 V, FIF = 900 MHz, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C VGIN (V) 0.2 0.3 0.4 –20 –5 –10 –15 10 5 0 30 25 20 15 –6 –3 –4 –5 0 –1 –2 4 3 2 1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 T = –40°C, VPOS = 2.7V, FREQ = 380MHz T = +85°C, VPOS = 2.7V, FREQ = 380MHz LINERR T = +85°C, VPOS = 2.7V, FREQ = 380MHz LINERR T = –40°C, VPOS = 2.7V, FREQ = 380MHz T = +25°C, VPOS = 2.7V, FREQ = 380MHz LINERR T = +25°C, VPOS = 2.7V, FREQ = 380MHz Figure 14. Mixer Gain and Linearity Error vs. VGIN, VPOS = 2.7 V, FIF = 380 MHz, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C VGIN (V) 0.2 0.3 0.4 –25 –10 –15 –20 5 0 –5 25 20 15 10 –6 –3 –4 –5 0 –1 –2 4 3 2 1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 T = –40°C, VPOS = 2.7V, FREQ = 900MHz T = +85°C, VPOS = 2.7V, FREQ = 900MHz LINERR T = +85°C, VPOS = 2.7V, FREQ = 900MHz LINERR T = +25°C, VPOS = 2.7V, FREQ = 900MHz LINERR T = –40°C, VPOS = 2.7V, FREQ = 900MHz T = +25°C, VPOS = 2.7V, FREQ = 900MHz Figure 15. Mixer Gain and Linearity Error vs. VGIN, VPOS = 2.7 V, FIF = 900 MHz, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C IF FREQUENCY (MHz) 100 18 20 22 24 26 28 200 300 400 500 600 700 800 900 1000 2.7V, 0.2V, –40°C 5V, 0.2V, –40°C 2.7V, 0.2V, +25°C 5V, 0.2V, +25°C 2.7V, 0.2V, +85°C 5V, 0.2V, +85°C Figure 16. Gain vs. FIF, VGIN = 0.2 V, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C IF FREQUENCY (MHz) 100 –30 –25 –20 –15 200 300 400 500 600 700 800 900 1000 5V, 1.2V, –40°C 2.7V, 1.2V, –40°C 2.7V, 1.2V, +25°C 5V, 1.2V, +25 2.7V, 1.2V, +85 °C 5V, 1.2V, +85 °C °C Figure 17. Gain vs. FIF, VGIN = 1.2 V, FBB = 1 MHz, Temperature = −40°C, +25°C, +85°C |
Podobny numer części - ADF4360-1 |
|
Podobny opis - ADF4360-1 |