Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9517-0ABCPZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9517-0ABCPZ-RL7
Szczegółowy opis  12-Output Clock Generator with Integrated 2.8 GHz VCO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9517-0ABCPZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9517-0ABCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD9517-0ABCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 10 of 80
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 1 GHz, Output = 50 MHz
Input slew rate > 1 V/ns
Divider = 20
At 10 Hz Offset
−124
dBc/Hz
At 100 Hz Offset
−134
dBc/Hz
At 1 kHz Offset
−142
dBc/Hz
At 10 kHz Offset
−151
dBc/Hz
At 100 kHz Offset
−157
dBc/Hz
At 1 MHz Offset
−160
dBc/Hz
>10 MHz Offset
−163
dBc/Hz
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL ABSOLUTE PHASE NOISE
Internal VCO; direct to LVPECL output
VCO = 2.95 GHz; Output = 2.95 GHz
At 1 kHz Offset
−47
dBc/Hz
At 10 kHz Offset
−78
dBc/Hz
At 100 kHz Offset
−104
dBc/Hz
At 1 MHz Offset
−122
dBc/Hz
At 10 MHz Offset
−140
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz
VCO = 2.75 GHz; Output = 2.75 GHz
At 1 kHz Offset
−49
dBc/Hz
At 10 kHz Offset
−79
dBc/Hz
At 100 kHz Offset
−105
dBc/Hz
At 1 MHz Offset
−123
dBc/Hz
At 10 MHz Offset
−141
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz
VCO = 2.55 GHz; Output = 2.55 GHz
At 1 kHz Offset
−51
dBc/Hz
At 10 kHz Offset
−80
dBc/Hz
At 100 kHz Offset
−106
dBc/Hz
At 1 MHz Offset
−125
dBc/Hz
At 10 MHz Offset
−142
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz


Podobny numer części - AD9517-0ABCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9517-0ABCPZ-RL7 AD-AD9517-0ABCPZ-RL7 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
More results

Podobny opis - AD9517-0ABCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9517-0BCPZ AD-AD9517-0BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-0 AD-AD9517-0_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
AD9520-0 AD-AD9520-0 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com