Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCMP356YKS-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADCMP356YKS-REEL7
Szczegółowy opis  Comparators and Reference Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADCMP356YKS-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADCMP356YKS-REEL7 Datasheet HTML 1Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 2Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 3Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 4Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 5Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 6Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 7Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 8Page - Analog Devices ADCMP356YKS-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Comparators and Reference Circuits
ADCMP350/ADCMP354/ADCMP356
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Comparators with 0.6 V on-chip references
Output stages
Open-drain active low (ADCMP350)
Open-drain active high (ADCMP354)
Push-pull active high (ADCMP356)
High voltage (up to 22 V) tolerance on V
IN and open-drain
output pins
Low power consumption: 10 µA
10 nA input bias current
15 mV hysteresis
5 µs propagation delay
Specified over −40°C to +125°C temperature range
4-lead SC70 package
APPLICATIONS
Voltage detectors
Microprocessor systems
Computers
Battery monitors
Intelligent instruments
Portable equipment
FUNCTIONAL BLOCK DIAGRAM
ADCMP350
GND
OUT (OD)
VCC
VIN
REF
Figure 1. ADCMP350 Functional Block Diagram
ADCMP354/ADCMP356
GND
OUT (OD/PP)
VCC
VIN
REF
Figure 2. ADCMP354/ADCMP356 Functional Block Diagram
GENERAL DESCRIPTION
The ADCMP350/ADCMP354/ADCMP356 are comparator and
reference circuits suitable for use in general-purpose applications.
The high voltage input and output structures allow voltages of
up to 22 V on the input of all devices and the output of the open-
drain devices. High performance over the −40°C to +125°C
temperature range makes them suitable for use in automotive
and other thermally harsh applications, while low power
consumption and space-efficient SC70 packaging make
them ideal for battery-powered portable equipment.
Table 1. Selection Table
Part No.
Reference
Voltage (V)
Input
Connection
Output
ADCMP350
0.6
Inverting
Open-drain
ADCMP354
0.6
Noninverting
Open-drain
ADCMP356
0.6
Noninverting
Push-pull


Podobny numer części - ADCMP356YKS-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCMP356YKS-REEL7 AD-ADCMP356YKS-REEL7 Datasheet
151Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP356YKS-REEL7 AD-ADCMP356YKS-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
More results

Podobny opis - ADCMP356YKS-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCMP350 AD-ADCMP350_04 Datasheet
216Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP350 AD-ADCMP350_18 Datasheet
217Kb / 10P
   Comparators and Reference Circuits
ADCMP350YKSZ-REEL7 AD-ADCMP350YKSZ-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350YKS-REEL7 AD-ADCMP350YKS-REEL7 Datasheet
151Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
   Dual 0.275% Comparators and Reference with Programmable Hysteresis
REV. 0
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com