Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4668ARZ1 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADN4668ARZ1
Szczegółowy opis  3 V LVDS Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4668ARZ1 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADN4668ARZ1 Datasheet HTML 4Page - Analog Devices ADN4668ARZ1 Datasheet HTML 5Page - Analog Devices ADN4668ARZ1 Datasheet HTML 6Page - Analog Devices ADN4668ARZ1 Datasheet HTML 7Page - Analog Devices ADN4668ARZ1 Datasheet HTML 8Page - Analog Devices ADN4668ARZ1 Datasheet HTML 9Page - Analog Devices ADN4668ARZ1 Datasheet HTML 10Page - Analog Devices ADN4668ARZ1 Datasheet HTML 11Page - Analog Devices ADN4668ARZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN4668
Rev. A | Page 9 of 12
93.5
93.0
92.5
92.0
91.5
91.0
90.5
90.0
–40
–15
10
35
60
85
AMBIENT TEMPERATURE, TA (°C)
VCC = 3.3V
VID =200mV
FREQ = 200MHz
ALL CHANNELS
SWITCHING
Figure 13. Power Supply Current, ICC vs. Ambient Temperature, TA
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
–40
–15
10
35
85
60
AMBIENT TEMPERATURE, TA (°C)
tPHLD
tPLHD
VCC = 3.3V
VID =200mV
FREQ = 200MHz
CL =15pF
Figure 14. Differential Propagation Delay, tPLHD, tPHLD vs.
Ambient Temperature, TA
4.0
3.5
3.0
2.5
2.0
1.5
0
0.5
1.0
1.5
3.0
2.0
2.5
COMMON-MODE VOLTAGE, VCM (V)
TA = 25°C
FREQ = 200MHz
VID =200mV
CL =15pF
tPHLD
tPLHD
Figure 15. Differential Propagation Delay, tPLHD, tPHLD vs.
Common-Mode Voltage, VCM
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.95
3.03.1
3.23.3
3
3.4
.6
3.5
POWER SUPPLY VOLTAGE, VCC (V)
tPHLD
tPLHD
TA = 25°C
VID =200mV
FREQ = 200MHz
CL =15pF
Figure 16. Differential Propagation Delay, tPLHD, tPHLD vs.
Power Supply Voltage, VCC
8
7
6
5
4
3
2
1
0
0
500
1000
1500
3000
2000
2500
DIFFERENTIAL INPUT VOLTAGE, VID (mV)
TA = 25°C
FREQ = 200MHz
VCM = 1.2V
CL =15pF
tPHLD
tPLHD
Figure 17. Differential Propagation Delay, tPLHD, tPHLD vs.
Differential Input Voltage, VID
200
150
100
50
0
–50
–100
–150
–200
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA =25°C
VID =200mV
FREQ = 200MHz
CL =15pF
Figure 18. Differential Skew, tSKD vs. Power Supply Voltage, VCC


Podobny numer części - ADN4668ARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARZ-REEL7 AD-ADN4668ARZ-REEL7 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results

Podobny opis - ADN4668ARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com