Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP667ANZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADP667ANZ
Szczegółowy opis  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP667ANZ Arkusz danych(HTML) 7 Page - Analog Devices

  ADP667ANZ Datasheet HTML 1Page - Analog Devices ADP667ANZ Datasheet HTML 2Page - Analog Devices ADP667ANZ Datasheet HTML 3Page - Analog Devices ADP667ANZ Datasheet HTML 4Page - Analog Devices ADP667ANZ Datasheet HTML 5Page - Analog Devices ADP667ANZ Datasheet HTML 6Page - Analog Devices ADP667ANZ Datasheet HTML 7Page - Analog Devices ADP667ANZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP667
REV. 0
–7–
POWER DISSIPATION
The ADP667 can supply currents up to 250 mA and can oper-
ate with input voltages as high as 16.5 V, but not simultaneously.
It is important that the power dissipation and hence the internal
die temperature be maintained below the maximum limits. Power
Dissipation is the product of the voltage differential across the
regulator times the current being supplied to the load. The
maximum package power dissipation is given in the Absolute
Maximum Ratings. In order to avoid excessive die temperatures,
these ratings must be strictly observed.
PD = (VIN – VOUT) (IL )
The die temperature is dependent on both the ambient tempera-
ture and on the power being dissipated by the device. The inter-
nal die temperature must not exceed 125
°C. Therefore, care
must be taken to ensure that, under normal operating condi-
tions, the die temperature is kept below the thermal limit.
TJ = TA + PD (
θ
JA)
This may be expressed in terms of power dissipation as follows:
PD = (TJ – TA)/(
θ
JA)
where:
TJ = Die Junction Temperature (
°C)
TA = Ambient Temperature (
°C)
PD = Power Dissipation (W)
θ
JA = Junction to Ambient Thermal Resistance (
°C/W)
If the device is being operated at the maximum permitted ambi-
ent temperature of 85
°C, the maximum power dissipation per-
mitted is:
PD (max) = (TJ (max) – TA)/(θJA)
PD (max) = (125 – 85)/(θJA)
= 40/
θ
JA
where:
θ
JA = 120°C/W for the 8-pin DIP (N-8) package
θ
JA = 170°C/W for the 8-pin SOIC (SO-8) package
Therefore, for a maximum ambient temperature of 85
°C:
PD (max) = 333 mW for N-8
PD (max) = 235 mW for SO-8
At lower ambient temperatures the maximum permitted power
dissipation increases accordingly up to the maximum limits
specified in the absolute maximum specifications.
The thermal impedance (
θ
JA) figures given are measured in still
air conditions and are reduced considerably where fan assisted
cooling is employed. Other techniques for reducing the thermal
impedance include large contact pads on the printed circuit
board and wide traces. The copper will act as a heat exchanger
thereby reducing the effective thermal impedance.
High Power Dissipation Recommendations
Where excessive power dissipation due to high input-output
differential voltages and/or high current conditions exists, the
simplest method of reducing the power requirements on the
regulator is to use a series dropper resistor. In this way the
excess power can be dissipated in the external resistor. As an
example, consider an input voltage of +12 V and an output
voltage requirement of +5 V @ 100 mA with an ambient tem-
perature of +85
°C. The package power dissipation under these
conditions is 700 mW which exceeds the maximum ratings. By
using a dropper resistor to drop 4 V, the power dissipation
requirement for the regulator is reduced to 300 mW which is
within the maximum specifications for the N-8 package at 85
°C.
The resistor value is calculated as R = 4/0.1 = 40
Ω. A resistor
power rating of 400 mW or greater may be used.
IN
OUT
GND
SET
SHDN
ADP667
+5V
OUTPUT
C2
10µF
+
40
0.5W
C1
1µF
VIN
12V
+
Figure 14. Reducing Regulator Power Dissipation
Transient Response
The ADP667 exhibits excellent transient performance as illus-
trated in the “Typical Performance Characteristics.” Figure 12
shows that an input step from 10 V to 6 V results in a very small
output disturbance (50 mV). Adding an input capacitor would
improve this even more.
Figure 13 shows how quickly the regulator recovers from an
output load change from 10 mA to 100 mA. The offset due to
the load current change is less than 1 mV.
Monitored
µP Power Supply
Figure 15 shows the ADP667 being used in a monitored
µP
supply application. The ADP667 supplies +5 V for the micro-
processor. Monitoring the supply, the ADM705 will generate a
reset if the supply voltage falls below 4.65 V. Early warning of
an impending power fail is generated by a power fail comparator
on the ADM705. A resistive divider network samples the pre-
regulator input voltage so that failing power is detected while
the regulator is still operating normally. An interrupt is gener-
ated so that a power-down sequence can be completed before
power is completely lost. The low dropout voltage on the
ADP667 maximizes the available time to carry out the power-
down sequence. The resistor divider network R1 and R2 should
be selected so that the voltage on PFI is 1.25 V at the desired
warning voltage.
IN
OUT
GND
SET SHDN
ADP667
10µF
+
+5V
ADM705
RESET
PFO
GND
PFI
UNREGULATED
DC
R1
R2
VCC
µP
RESET
INTERRUPT
VCC
Figure 15.
µP Regulator with Supply Monitoring and Early
Power-Fail Warning


Podobny numer części - ADP667ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP667AN AD-ADP667AN Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
More results

Podobny opis - ADP667ANZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667 AD-ADP667 Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com