Zakładka z wyszukiwarką danych komponentów |
|
ADSP-2186NKSTZ-3202 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADSP-2186NKSTZ-3202 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 48 page Rev. A | Page 4 of 48 | August 2006 ADSP-218xN The two address buses (PMA and DMA) share a single external address bus, allowing memory to be expanded off-chip, and the two data buses (PMD and DMD) share a single external data bus. Byte memory space and I/O memory space also share the external buses. Program memory can store both instructions and data, permit- ting ADSP-218xN series members to fetch two operands in a single cycle, one from program memory and one from data memory. ADSP-218xN series members can fetch an operand from program memory and the next instruction in the same cycle. In lieu of the address and data bus for external memory connec- tion, ADSP-218xN series members may be configured for 16-bit Internal DMA port (IDMA port) connection to external sys- tems. The IDMA port is made up of 16 data/address pins and five control pins. The IDMA port provides transparent, direct access to the DSP’s on-chip program and data RAM. An interface to low-cost byte-wide memory is provided by the Byte DMA port (BDMA port). The BDMA port is bidirectional and can directly address up to four megabytes of external RAM or ROM for off-chip storage of program overlays or data tables. The byte memory and I/O memory space interface supports slow memories and I/O memory-mapped peripherals with pro- grammable wait state generation. External devices can gain control of external buses with bus request/grant signals (BR, BGH, and BG). One execution mode (Go Mode) allows the ADSP-218xN to continue running from on-chip memory. Nor- mal execution mode requires the processor to halt while buses are granted. ADSP-218xN series members can respond to eleven interrupts. There can be up to six external interrupts (one edge-sensitive, two level-sensitive, and three configurable) and seven internal interrupts generated by the timer, the serial ports (SPORT), the BDMA port, and the power-down circuitry. There is also a mas- ter RESET signal. The two serial ports provide a complete synchronous serial interface with optional companding in hard- ware and a wide variety of framed or frameless data transmit and receive modes of operation. Each port can generate an internal programmable serial clock or accept an external serial clock. ADSP-218xN series members provide up to 13 general-purpose flag pins. The data input and output pins on SPORT1 can be alternatively configured as an input flag and an output flag. In addition, eight flags are programmable as inputs or outputs, and three flags are always outputs. A programmable interval timer generates periodic interrupts. A 16-bit count register (TCOUNT) decrements every n processor cycle, where n is a scaling value stored in an 8-bit register (TSCALE). When the value of the count register reaches zero, an interrupt is generated and the count register is reloaded from a 16-bit period register (TPERIOD). Serial Ports ADSP-218xN series members incorporate two complete syn- chronous serial ports (SPORT0 and SPORT1) for serial communications and multiprocessor communication. Following is a brief list of the capabilities of the ADSP-218xN SPORTs. For additional information on Serial Ports, refer to the ADSP-218x DSP Hardware Reference. • SPORTs are bidirectional and have a separate, double- buffered transmit and receive section. • SPORTs can use an external serial clock or generate their own serial clock internally. • SPORTs have independent framing for the receive and transmit sections. Sections run in a frameless mode or with frame synchronization signals internally or externally gen- erated. Frame sync signals are active high or inverted, with either of two pulsewidths and timings. • SPORTs support serial data word lengths from 3 bits to 16 bits and provide optional A-law and μ-law companding, according to CCITT recommendation G.711. • SPORT receive and transmit sections can generate unique interrupts on completing a data word transfer. • SPORTs can receive and transmit an entire circular buffer of data with only one overhead cycle per data word. An interrupt is generated after a data buffer transfer. • SPORT0 has a multichannel interface to selectively receive and transmit a 24 word or 32-word, time-division multi- plexed, serial bitstream. • SPORT1 can be configured to have two external interrupts (IRQ0 and IRQ1) and the FI and FO signals. The internally generated serial clock may still be used in this configuration. |
Podobny numer części - ADSP-2186NKSTZ-3202 |
|
Podobny opis - ADSP-2186NKSTZ-3202 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |