Zakładka z wyszukiwarką danych komponentów |
|
ADV7189B Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADV7189B Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 104 page ADV7189B Rev. B | Page 7 of 104 VIDEO SPECIFICATIONS Guaranteed by characterization. At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V; operating temperature range, unless otherwise specified. Table 2. Parameter 0F 1, 1F 2 Symbol Test Conditions Min Typ Max Unit NONLINEAR SPECIFICATIONS Differential Phase DP CVBS I/P, modulate 5-step 0.4 0.6 Degrees Differential Gain DG CVBS I/P, modulate 5-step 0.4 0.6 % Luma Nonlinearity LNL CVBS I/P, 5-step 0.4 0.7 % NOISE SPECIFICATIONS SNR Unweighted Luma ramp 61 63 dB Luma flat field 63 65 dB Analog Front End Crosstalk 60 dB LOCK TIME SPECIFICATIONS Horizontal Lock Range –5 +5 % Vertical Lock Range 40 70 Hz FSC Subcarrier Lock Range ±1.3 Hz Color Lock In Time 60 Lines Sync Depth Range 20 200 % Color Burst Range 5 200 % Vertical Lock Time 2 Fields Autodetection Switch Speed 100 Lines CHROMA SPECIFICATIONS Hue Accuracy HUE 1 Degrees Color Saturation Accuracy CL_AC 1 % Color AGC Range 5 400 % Chroma Amplitude Error 0.4 % Chroma Phase Error 0.3 Degrees Chroma Luma Intermodulation 0.1 % LUMA SPECIFICATIONS Luma Brightness Accuracy CVBS, 1 V I/P 1 % Luma Contrast Accuracy CVBS, 1 V I/P 1 % 1 Temperature range: TMIN to TMAX, –40°C to +85°C. (0°C to 70°C for ADV7189BKSTZ). 2 The min/max specifications are guaranteed over this range. |
Podobny numer części - ADV7189B |
|
Podobny opis - ADV7189B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |