Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1275-1ACPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM1275-1ACPZ
Szczegółowy opis  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM1275-1ACPZ Datasheet HTML 3Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 4Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 5Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 6Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 7Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 8Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 9Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 10Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 7 of 48
SERIAL BUS TIMING CHARACTERISTICS
tR = (VIL(MAX) – 0.15) to (VIH3V3 + 0.15) and tF = 0.9VDD to (VIL(MAX) – 0.15); where VIH3V3 = 2.1 V and VDD = 3.3 V.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
Test Conditions/Comments
fSCLK
Clock frequency
400
kHz
tBUF
Bus free time
1.3
µs
Following the stop condition of a read transaction
4.7
µs
Following the stop condition of a write transaction
tHD;STA
Start hold time
0.6
µs
tSU;STA
Start setup time
0.6
µs
tSU;STO
Stop setup time
0.6
µs
tHD;DAT
SDA hold time
300
900
ns
tSU;DAT
SDA setup time
100
ns
tLOW
SCL low time
1.3
µs
tHIGH
SCL high time
0.6
µs
tR
SCL, SDA rise time
20
300
ns
tF
SCL, SDA fall time
20
300
ns
Timing Diagram
tLOW
tBUF
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tR
tF
tSU;STO
P
S
S
P
VIH
VIL
VIH
VIL
SCL
SDA
Figure 2. Serial Bus Timing Diagram


Podobny numer części - ADM1275-1ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Podobny opis - ADM1275-1ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com