Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV3257DR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBTLV3257DR
Szczegółowy opis  Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTLV3257DR Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74CBTLV3257DR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3257DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
A
(OE)
B
SN74CBTLV3257
www.ti.com
SCDS040J – DECEMBER 1997 – REVISED JANUARY 2013
SIMPLIFIED SCHEMATIC, EACH FET SWITCH
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
Continuous channel current
128
mA
IIK
Input clamp current (VI/O < 0)
–50
mA
D package(3)
73
°C/W
DBQ package(3)
90
°C/W
Package thermal
θJA
DGV package(3)
120
°C/W
impedance
PW package(3)
108
°C/W
RGY package(4)
39
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
High-level control input
VIH
V
voltage
VCC = 2.7 V to 3.6 V
2
VCC = 2.3 V to 2.7 V
0.7
Low-level control input
VIL
V
voltage
VCC = 2.7 V to 3.6 V
0.8
TA
Operating free-air temperature
−40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application
report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :SN74CBTLV3257


Podobny numer części - SN74CBTLV3257DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3257DR TI-SN74CBTLV3257DR Datasheet
231Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIP LEXER
SN74CBTLV3257DR TI-SN74CBTLV3257DR Datasheet
766Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DR TI-SN74CBTLV3257DR Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DR TI-SN74CBTLV3257DR Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DR TI1-SN74CBTLV3257DR Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Podobny opis - SN74CBTLV3257DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257 Datasheet
94Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_09 Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP_16 Datasheet
495Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
CCBTLV3257MPWREP TI1-CCBTLV3257MPWREP Datasheet
506Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com