Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11008DRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części 74ACT11008DRG4
Szczegółowy opis  QUADRUPLE 2-INPUT POSITIVE-AND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11008DRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  74ACT11008DRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Aug-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
74ACT11008D
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
74ACT11008DE4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008DG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008DR
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008DRE4
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008DRG4
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008N
ACTIVE
PDIP
N
16
25
Pb-Free (RoHS)
CU NIPDAU N / A for Pkg Type
Purchase Samples
74ACT11008NE4
ACTIVE
PDIP
N
16
25
Pb-Free (RoHS)
CU NIPDAU N / A for Pkg Type
Purchase Samples
74ACT11008PW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008PWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008PWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
74ACT11008PWLE
OBSOLETE
TSSOP
PW
16
TBD
Call TI
Call TI
Samples Not Available
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Podobny numer części - 74ACT11008DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11008D TI-74ACT11008D Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Podobny opis - 74ACT11008DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08 Datasheet
575Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-EP TI1-SN74LVC08A-EP Datasheet
542Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com