Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1192IRSMT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1192IRSMT
Szczegółowy opis  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1192IRSMT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1192IRSMT Datasheet HTML 1Page - Texas Instruments ADS1192IRSMT Datasheet HTML 2Page - Texas Instruments ADS1192IRSMT Datasheet HTML 3Page - Texas Instruments ADS1192IRSMT Datasheet HTML 4Page - Texas Instruments ADS1192IRSMT Datasheet HTML 5Page - Texas Instruments ADS1192IRSMT Datasheet HTML 6Page - Texas Instruments ADS1192IRSMT Datasheet HTML 7Page - Texas Instruments ADS1192IRSMT Datasheet HTML 8Page - Texas Instruments ADS1192IRSMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ADS1191
ADS1192
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications at
DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2), and
gain = 6, unless otherwise noted.
ADS1191, ADS1192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RIGHT LEG DRIVE (RLD) AMPLIFIER
Integrated noise
BW = 150 Hz
1.4
μVRMS
GBP
Gain bandwidth product
50 k
Ω || 10 pF load, gain = 1
100
kHz
SR
Slew rate
50 k
Ω || 10 pF load, gain = 1
0.07
V/
μs
THD
Total harmonic distortion
fIN = 100 Hz, gain = 1
–85
dB
CMIR
Common-mode input range
AVSS + 0.3
AVDD – 0.3
V
Common-mode resistor matching
Internal 200-k
Ω resistor matching
0.1
%
ISC
Short-circuit current
1.1
mA
Quiescent power consumption
RLD amplifier
5
μA
LEAD-OFF DETECT
Frequency
See Register Map section for settings
0, fDR/4
kHz
ILEAD_OFF [1:0] = 00
6
nA
ILEAD_OFF [1:0] = 01
22
nA
Current
ILEAD_OFF [1:0] = 10
6
μA
ILEAD_OFF [1:0] = 11
22
μA
Current accuracy
±20
%
Comparator threshold accuracy
±30
mV
EXTERNAL REFERENCE
AVDD = 3 V, VREF = (VREFP – VREFN)
2
2.5
VDD – 0.3
V
Reference input voltage
AVDD = 5 V, VREF = (VREFP – VREFN)
2
4
VDD – 0.3
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 2.5
V
Input impedance
120
k
INTERNAL REFERENCE
CONFIG2.VREF_4V = 0
2.42
V
Output voltage
CONFIG2.VREF_4V = 1
4.033
V
Output current drive
Available for external use
100
µA
VREF accuracy
±0.5
%
Internal reference drift
45
ppm/°C
Settled to 0.2% with 10-µF capacitor on
Start-up time
100
ms
VREFP pin
Quiescent current consumption
20
µA
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS1191 ADS1192


Podobny numer części - ADS1192IRSMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1192IRSMT TI1-ADS1192IRSMT Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1192IRSMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com