Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55C39 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części BZX55C39
Szczegółowy opis  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C39 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  BZX55C39 Datasheet HTML 1Page - Vishay Siliconix BZX55C39 Datasheet HTML 2Page - Vishay Siliconix BZX55C39 Datasheet HTML 3Page - Vishay Siliconix BZX55C39 Datasheet HTML 4Page - Vishay Siliconix BZX55C39 Datasheet HTML 5Page - Vishay Siliconix BZX55C39 Datasheet HTML 6Page - Vishay Siliconix BZX55C39 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZX55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Nov-11
3
Document Number: 85604
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
TKVZ
Tamb =
25 °C
Tamb =
150 °C
f = 1 kHz
V
mA
μA
V
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX55B2V4
2.35
2.4
2.45
5
1
< 50
< 100
1
< 85
< 600
- 0.09
- 0.06
BZX55B2V7
2.64
2.7
2.76
5
1
< 10
< 50
1
< 85
< 600
- 0.09
- 0.06
BZX55B3V0
2.94
3.0
3.06
5
1
< 4
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V3
3.24
3.3
3.36
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V6
3.52
3.6
3.68
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V9
3.82
3.9
3.98
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B4V3
4.22
4.3
4.38
5
1
< 1
< 20
1
< 90
< 600
- 0.06
- 0.03
BZX55B4V7
4.6
4.7
4.8
5
1
< 0.5
< 10
1
< 80
< 600
- 0.05
0.02
BZX55B5V1
5
5.1
5.2
5
1
< 0.1
< 2
1
< 60
< 550
- 0.02
0.02
BZX55B5V6
5.48
5.6
5.72
5
1
< 0.1
< 2
1
< 40
< 450
- 0.05
0.05
BZX55B6V2
6.08
6.2
6.32
5
1
< 0.1
< 2
2
< 10
< 200
0.03
0.06
BZX55B6V8
6.66
6.8
6.94
5
1
< 0.1
< 2
3
< 8
< 150
0.03
0.07
BZX55B7V5
7.35
7.5
7.65
5
1
< 0.1
< 2
5
< 7
< 50
0.03
0.07
BZX55B8V2
8.04
8.2
8.36
5
1
< 0.1
< 2
6.2
< 7
< 50
0.03
0.08
BZX55B9V1
8.92
9.1
9.28
5
1
< 0.1
< 2
6.8
< 10
< 50
0.03
0.09
BZX55B10
9.8
10
10.2
5
1
< 0.1
< 2
7.5
< 15
< 70
0.03
0.1
BZX55B11
10.78
11
11.22
5
1
< 0.1
< 2
8.2
< 20
< 70
0.03
0.11
BZX55B12
11.76
12
12.24
5
1
< 0.1
< 2
9.1
< 20
< 90
0.03
0.11
BZX55B13
12.74
13
13.26
5
1
< 0.1
< 2
10
< 26
< 110
0.03
0.11
BZX55B15
14.7
15
15.3
5
1
< 0.1
< 2
11
< 30
< 110
0.03
0.11
BZX55B16
15.7
16
16.3
5
1
< 0.1
< 2
12
< 40
< 170
0.03
0.11
BZX55B18
17.64
18
18.36
5
1
< 0.1
< 2
13
< 50
< 170
0.03
0.11
BZX55B20
19.6
20
20.4
5
1
< 0.1
< 2
15
< 55
< 220
0.03
0.11
BZX55B22
21.55
22
22.45
5
1
< 0.1
< 2
16
< 55
< 220
0.04
0.12
BZX55B24
23.5
24
24.5
5
1
< 0.1
< 2
18
< 80
< 220
0.04
0.12
BZX55B27
26.4
27
27.6
5
1
< 0.1
< 2
20
< 80
< 220
0.04
0.12
BZX55B30
29.4
30
30.6
5
1
< 0.1
< 2
22
< 80
< 220
0.04
0.12
BZX55B33
32.4
33
33.6
5
1
< 0.1
< 2
24
< 80
< 220
0.04
0.12
BZX55B36
35.3
36
36.7
5
1
< 0.1
< 2
27
< 80
< 220
0.04
0.12
BZX55B39
38.2
39
39.8
2.5
0.5
< 0.1
< 5
30
< 90
< 500
0.04
0.12
BZX55B43
42.1
43
43.9
2.5
0.5
< 0.1
< 5
33
< 90
< 600
0.04
0.12
BZX55B47
46.1
47
47.9
2.5
0.5
< 0.1
< 5
36
< 110
< 700
0.04
0.12
BZX55B51
50
51
52
2.5
0.5
< 0.1
< 10
39
< 125
< 700
0.04
0.12
BZX55B56
54.9
56
57.1
2.5
0.5
< 0.1
< 10
43
< 135
< 1000
0.04
0.12
BZX55B62
60.8
62
63.2
2.5
0.5
< 0.1
< 10
47
< 150
< 1000
0.04
0.12
BZX55B68
66.6
68
69.4
2.5
0.5
< 0.1
< 10
51
< 200
< 1000
0.04
0.12
BZX55B75
73
75
76.5
2.5
0.5
< 0.1
< 10
56
< 250
< 1500
0.04
0.12


Podobny numer części - BZX55C39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZX55C39 VISHAY-BZX55C39 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C39 SUNMATE-BZX55C39 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C39 CHONGQING-BZX55C39 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Yangzhou yangjie electr...
BZX55C39 YANGJIE-BZX55C39 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C39 VISHAY-BZX55C39 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Podobny opis - BZX55C39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com