Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q2-F-4-07-MS-48FT-25 Arkusz danych(PDF) 1 Page - Qualtek Electronics Corporation

Numer części Q2-F-4-07-MS-48FT-25
Szczegółowy opis  PART NUMBER GUIDE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  QUALTEK [Qualtek Electronics Corporation]
Strona internetowa  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q2-F-4-07-MS-48FT-25 Arkusz danych(HTML) 1 Page - Qualtek Electronics Corporation

  Q2-F-4-07-MS-48FT-25 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NUMBER GUIDE
Qualtek Electronics
ISO-9001 Company
www.qualtekusa.com
COLORCODES:
01 BLACK
02 CLEAR
03 WHITE
04 RED
05 BLUE
06 GREEN
07 YELLOW
08 YELLOW / GREEN
09 BROWN
10 ORANGE
11 ASSORTED COLORS
12 GRAY
LENGTH:
FT = FEET
M=METERS
IN=INCH
MM=MILLIMETERS
SAMPLE TABLE: Q2-F
PARTNUMBEREXAMPLE:
X - X - X - X X - X
(6) QUANTITY - QB (Q BAG) ONLY
(5) LENGTH - SEE LIST BELOW
(4) STANDARD PACKAGING CODES - SEE LIST BELOW
(3) COLOR - SEE LIST BELOW
(2) SIZE - SEE TABLE BELOW
(1) TYPE - SEE SPEC SHEET(Q1, Q2-F, Q-150K, etc....)
STANDARDPACKAGINGCODES:
MS - MINI SPOOL + LENGTH (FT or M)
QB - Q BAG (Polybag contains quantity specified)
QX - Q BOX + LENGTH (FT or M)
RK - REFILL BAG
SS - STANDARD SPOOL + LENGTH (FT or M)
PART NUMBER EXAMPLE: Q2-F-3/64-01-QB48IN-25
NOTE: Table below represents information on individual spec sheet
2
3
4
6
Standard
Packaging
Inside Diameter
(max.)
Standard
Spool
*(SS)
(Feet)
Wall Thickness
(min.)
Product Dimensions
3/64
1/16
3/32
1/8
3/16
1/4
5/16
3/8
1/2
5/8
3/4
1
1 1/4
1 1/2
2
3
4
5
6
Size
(Inch)
As Supplied (mm)
After Recovered (mm)
Inside
Diameter
(min.)
Mini
Spool
*(MS)
(Feet)
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
--
--
--
--
1000
1000
500
500
500
500
250
250
200
200
200
200
100
100
100
100
100
50
50
1.2
1.6
2.4
3.2
4.8
6.4
8.0
9.5
12.7
15.9
19.1
25.4
31.8
38.1
50.8
76.2
102.0
125.0
151.0
0.6
0.8
1.2
1.6
2.4
3.2
4.0
4.8
6.4
8.0
9.5
12.7
15.9
19.1
25.4
38.1
50.8
63.5
75.0
0.40
0.40
0.48
0.48
0.48
0.56
0.62
0.62
0.62
0.68
0.68
0.87
1.00
1.00
1.10
1.20
1.35
1.40
1.40
Cut to
Length Pcs.
*(QB)
Qty per bag
40
36
32
28
24
20
18
16
14
14
12
8
8
5
3
2
1
1
1
6”
48”
25
25
25
25
25
25
25
25
5
5
5
5
5
5
5
2
2
2
2
Box
Length
*(QX)
(Feet)
50
50
50
50
30
30
30
30
15
15
15
15
-
-
-
-
-
-
-
5
1
Q2-F
FLEXIBLE,FLAME RETARDANT POLYOLEFIN TUBING
ENVIRONMENT FRIENDLY, HIGHLY FLAME RETARDANT
SHRINK RATIO 2:1
Features/Applications
Provides both commercial and military applications electrical insulation
and protects in-line components, disconnect terminals and splices with its
high strength and excellent resilience. Bundles wires for very flexible light-
duty harnesses. Identifies or color-codes wires, cables, terminals and
components.
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
14
14 MPa
600%
350%
Pass
No cracking
No cracking
20kV/mm
10
Ω.cm
Pass
0.15%
Pass
0 + 5%
> 30%
ASTM D 2671
ASTM D 2671
ASTM D 2671
UL 224 VW-1, SAE-AMS-DTL-23053/5
ASTM D 2671
ASTM D 2671
ASTM D 150
ASTM D 876
UL 224
ASTM D 570
SAE-AMS-DTL-23053/5
UL 224
UL 224
Technical Data
Tensile Strength
Elongation at Break
Elongation After Aging (175°C, 168 hrs.)
Flammability
Heat Shock (250°C, 4 hrs.)
Cold Bend (-55°C, 4 hrs.)
Dielectric Strength
Volume Resistance
Copper Corrosion
Water Absorption
Chemical Resistance
Longitudinal Shrinkage
Eccentricity
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
Standard
Packaging
Inside Diameter
(max.)
Standard
Spool
*(SS)
(Feet)
Wall Thickness
(min.)
Product Dimensions
3/64
1/16
3/32
1/8
3/16
1/4
5/16
3/8
1/2
5/8
3/4
1
1 1/4
1 1/2
2
3
4
5
6
Size
(Inch)
As Supplied (mm)
After Recovered (mm)
Inside
Diameter
(min.)
Mini
Spool
*(MS)
(Feet)
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
--
--
--
--
1000
1000
500
500
500
500
250
250
200
200
200
200
100
100
100
100
100
50
50
1.2
1.6
2.4
3.2
4.8
6.4
8.0
9.5
12.7
15.9
19.1
25.4
31.8
38.1
50.8
76.2
102.0
125.0
151.0
0.6
0.8
1.2
1.6
2.4
3.2
4.0
4.8
6.4
8.0
9.5
12.7
15.9
19.1
25.4
38.1
50.8
63.5
75.0
0.40
0.40
0.48
0.48
0.48
0.56
0.62
0.62
0.62
0.68
0.68
0.87
1.00
1.00
1.10
1.20
1.35
1.40
1.40
Cut to
Length Pcs.
*(QB)
Qty per bag
40
36
32
28
24
20
18
16
14
14
12
8
8
5
3
2
1
1
1
6”
48”
25
25
25
25
25
25
25
25
5
5
5
5
5
5
5
2
2
2
2
Box
Length
*(QX)
(Feet)
50
50
50
50
30
30
30
30
15
15
15
15
-
-
-
-
-
-
-
Notes:
1.
* See page 8 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 1.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -55°C to +135°C
Minimum shrink temperature: 70°C
Full recovery temperature: 100°C
Approval:
File No. E236137,
242540
125°C, VW-1, 600V
Meets: SAE-AMS-DTL-23053/5 Class 1 & 3, Sony-SS-00259
Material: No PBB’s, PBBO’s, PBBE’s, Free of Cadmium & Lead
Standard colors: Black, red, blue, yellow, green, white, clear (class 2)
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
Q2F-200D


Podobny numer części - Q2-F-4-07-MS-48FT-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualtek Electronics Cor...
Q2-F QUALTEK-Q2-F Datasheet
548Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F2X QUALTEK-Q2-F2X Datasheet
756Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F2X QUALTEK-Q2-F2X Datasheet
730Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F2X QUALTEK-Q2-F2X_13 Datasheet
730Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Podobny opis - Q2-F-4-07-MS-48FT-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
logo
Amphenol Corporation
P-UE78-BX127-00XX1 AMPHENOL-P-UE78-BX127-00XX1 Datasheet
394Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
AVX Corporation
CDR04BX104AKUP AVX-CDR04BX104AKUP Datasheet
41Kb / 2P
   Military Part Number Identification
logo
TDK Electronics
C1608C0G1H103J080AA TDK-C1608C0G1H103J080AA Datasheet
110Kb / 8P
   Part Number Change Notification
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com