Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AC04PW Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AC04PW
Szczegółowy opis  HEX INVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC04PW Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74AC04PW Datasheet HTML 1Page - Texas Instruments SN74AC04PW Datasheet HTML 2Page - Texas Instruments SN74AC04PW Datasheet HTML 3Page - Texas Instruments SN74AC04PW Datasheet HTML 4Page - Texas Instruments SN74AC04PW Datasheet HTML 5Page - Texas Instruments SN74AC04PW Datasheet HTML 6Page - Texas Instruments SN74AC04PW Datasheet HTML 7Page - Texas Instruments SN74AC04PW Datasheet HTML 8Page - Texas Instruments SN74AC04PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54AC04, SN74AC04
HEX INVERTERS
SCAS519E − JULY 1995 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.99
2.9
2.9
IOH = −50 μA
4.5 V
4.4
4.49
4.4
4.4
IOH
50
μA
5.5 V
5.4
5.49
5.4
5.4
V
IOH = −12 mA
3 V
2.56
2.4
2.46
V
VOH
I
24 mA
4.5 V
3.86
3.7
3.76
V
IOH = −24 mA
5.5 V
4.86
4.7
4.76
IOH = −50 mA
5.5 V
3.85
IOH = −75 mA
5.5 V
3.85
3 V
0.002
0.1
0.1
0.1
IOL = 50 μA
4.5 V
0.001
0.1
0.1
0.1
IOL 50 μA
5.5 V
0.001
0.1
0.1
0.1
V
IOL =12 mA
3 V
0.36
0.5
0.44
V
VOL
I
24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA
5.5 V
1.65
IOL = 75 mA
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
μA
Ci
VI = VCC or GND
2.8
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.5
9
1
11
1
10
ns
tPHL
A
Y
1.5
4.5
8.5
1
10
1
9.5
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4
7
1
8.5
1
7.5
ns
tPHL
A
Y
1.5
3.5
6.5
1
7.5
1
7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
45
pF


Podobny numer części - SN74AC04PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AC04PW TI-SN74AC04PW Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN74AC04PW TI1-SN74AC04PW Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
SN74AC04PWR TI-SN74AC04PWR Datasheet
1Mb / 20P
[Old version datasheet]   2-V to 6-V VCC Operation, Inputs Accept Voltages to 6 V
SN74AC04PWR TI1-SN74AC04PWR Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74AC04PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com