Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT153PW Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części 74HCT153PW
Szczegółowy opis  74HC/HCT153 Dual 4-input multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74HCT153PW Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  74HCT153PW Datasheet HTML 1Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 2Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74HCT153PW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-input multiplexer
74HC/HCT153
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 15
1E, 2E
output enable inputs (active LOW)
14, 2
S0, S1
common data select inputs
6, 5, 4, 3
1I0 to 1I3
data inputs from source 1
7
1Y
multiplexer output from source 1
8
GND
ground (0 V)
9
2Y
multiplexer output from source 2
10, 11, 12, 13
2I0 to 2I3
data inputs from source 2
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.


Podobny numer części - 74HCT153PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT153PW NEXPERIA-74HCT153PW Datasheet
248Kb / 14P
   Dual 4-input multiplexer
Rev. 10 - 13 August 2021
74HCT153PW-Q100 NEXPERIA-74HCT153PW-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
74HCT153PW-Q100 NEXPERIA-74HCT153PW-Q100 Datasheet
247Kb / 14P
   Dual 4-input multiplexer
Rev. 5 - 13 August 2021
More results

Podobny opis - 74HCT153PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com