Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC153PW Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części 74HC153PW
Szczegółowy opis  74HC/HCT153 Dual 4-input multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74HC153PW Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  74HC153PW Datasheet HTML 1Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 2Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74HC153PW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Dual 4-input multiplexer
74HC/HCT153
FEATURES
• Non-inverting output
• Separate enable for each output
• Common select inputs
• See ‘253” for 3-state version
• Permits multiplexing from n lines to
1 line
• Enable line provided for cascading
(n lines to 1 line)
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT153 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
no. 7A.
The 74HC/HCT153 have two
identical 4-input multiplexers which
select two bits of data from up to four
sources selected by common data
select inputs (S0, S1). The two 4-input
multiplexer circuits have individual
active LOW output enable inputs (1E,
2E) which can be used to strobe the
outputs independently. The outputs
(1Y, 2Y) are forced LOW when the
corresponding output enable inputs
are HIGH.
The “153” is the logic implementation
of a 2-pole, 4-position switch, where
the position of the switch is
determined by the logic levels applied
to S0 and S1.
The logic equations for the outputs
are:
1Y = 1E.(1I0.S1.S0+1I1.S1.S0+
+1I2.S1.S0+1I3.S1.S0)
2Y = 2E.(2I0.S1.S0+2I1.S1.S0+
+2I2.S1.S0+2I3.S1.S0)
The “153” can be used to move data
to a common output bus from a group
of registers. The state of the select
inputs would determine the particular
register from which the data came. An
alternative application is a function
generator. The device can generate
two functions or three variables. This
is useful for implementing highly
irregular random logic.
The “153” is similar to the “253” but
has standard outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
1In, 2In to nY
14
16
ns
Sn to nY
15
17
ns
nE to nY
10
11
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer notes 1 and 2
30
30
pF
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
∑ (CL × VCC2 × fo) = sum of outputs
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic
Package Information”.


Podobny numer części - 74HC153PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC153PW NEXPERIA-74HC153PW Datasheet
248Kb / 14P
   Dual 4-input multiplexer
Rev. 10 - 13 August 2021
74HC153PW-Q100 NEXPERIA-74HC153PW-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
74HC153PW-Q100 NEXPERIA-74HC153PW-Q100 Datasheet
247Kb / 14P
   Dual 4-input multiplexer
Rev. 5 - 13 August 2021
More results

Podobny opis - 74HC153PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com