Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2034D1YZF Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPA2034D1YZF
Szczegółowy opis  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2034D1YZF Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA2034D1YZF Datasheet HTML 4Page - Texas Instruments TPA2034D1YZF Datasheet HTML 5Page - Texas Instruments TPA2034D1YZF Datasheet HTML 6Page - Texas Instruments TPA2034D1YZF Datasheet HTML 7Page - Texas Instruments TPA2034D1YZF Datasheet HTML 8Page - Texas Instruments TPA2034D1YZF Datasheet HTML 9Page - Texas Instruments TPA2034D1YZF Datasheet HTML 10Page - Texas Instruments TPA2034D1YZF Datasheet HTML 11Page - Texas Instruments TPA2034D1YZF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
100k
f-Frequency-Hz
10k
Inputsac-grounded,
C =1 F,
R =8
,
Gain=2V/V
I
L
m
W
V
=5V
DD
V
=2.5V
DD
V
=3.6V
DD
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=2.5V
DD
V
=2.7V
DD
V
=3.6V
DD
V
=5V
DD
Inputsac-grounded,
C =1 F,
R =8
,
Gain=3V/V
I
L
m
W
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=2.5V
DD
V
=2.7V
DD
V
=3.6V
DD
Inputsac-grounded,
C =1 F,
R =8
,
Gain=4V/V
I
L
m
W
V
=5V
DD
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=3.6V
DD
V
=2.5V
DD
V
=5V
DD
Inputsac-grounded,
C =1 F,
R =4
,
Gain=2V/V
I
L
m
W
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
VDD=5V
VDD=2.5V
VDD=2.7V
VDD=3.6V
Inputsac-grounded,
C =1 F,
R =4
,
Gain=3V/V
I
L
m
W
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=2.7V
DD
V
=5V
DD
V
=3.6V
DD
Inputsac-grounded,
C =1 F,
R =4
,
Gain=4V/V
I
L
m
W
V
=2.5V
DD
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=3.6V
DD
V
=2.5V
DD
V
=2.7V
DD
V
=5V
DD
InputsFloating,
R =8
,
Gain=2V/V
L
W
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=2.5V
DD
V
=2.7V
DD
V
=3.6V
DD
V
=5V
DD
InputsFloating,
R =8
,
Gain=3V/V
L
W
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
f-Frequency-Hz
V
=2.5V
DD
V
=2.7V
DD
V
=3.6V
DD
V
=5V
DD
InputsFloating,
R =8
,
Gain=4V/V
L
W
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY - TPA2032D1
FREQUENCY - TPA2033D1
FREQUENCY - TPA2034D1
Figure 19.
Figure 20.
Figure 21.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY- TPA2032D1
FREQUENCY- TPA2033D1
FREQUENCY- TPA2034D1
Figure 22.
Figure 23.
Figure 24.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY - TPA2032D1
FREQUENCY - TPA2033D1
FREQUENCY - TPA2034D1
Figure 25.
Figure 26.
Figure 27.
8
Submit Documentation Feedback


Podobny numer części - TPA2034D1YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2034D1YZF TI1-TPA2034D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFT TI1-TPA2034D1YZFT Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2034D1YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com