Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7726TR Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF7726TR
Szczegółowy opis  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7726TR Arkusz danych(HTML) 9 Page - International Rectifier

  IRF7726TR Datasheet HTML 1Page - International Rectifier IRF7726TR Datasheet HTML 2Page - International Rectifier IRF7726TR Datasheet HTML 3Page - International Rectifier IRF7726TR Datasheet HTML 4Page - International Rectifier IRF7726TR Datasheet HTML 5Page - International Rectifier IRF7726TR Datasheet HTML 6Page - International Rectifier IRF7726TR Datasheet HTML 7Page - International Rectifier IRF7726TR Datasheet HTML 8Page - International Rectifier IRF7726TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7726
www.irf.com
9
Tape & Reel Information
Micro-8
Dimensions are shown in millimeters (inches)
330. 00
( 12.992 )
M AX.
14.4 0 ( .566 )
12.4 0 ( .488 )
NO T ES :
1 . CO NT R O L L ING DIM E N S IO N : M IL L IM ET ER.
2 . O U T L IN E CO N F O R M S T O EIA-4 8 1 & EIA-5 4 1 .
F E E D D IRE CT IO N
T E R M IN AL N U M BER 1
12 .3 ( .484 )
11 .7 ( .461 )
8.1 ( .3 1 8 )
7.9 ( .3 1 2 )
N O TES:
1 . O U TL IN E C O N FO R M S TO E IA -4 81 & E IA -541.
2. CO NTRO LL IN G DIM E NSIO N : M ILL IM E TE R .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/00
Data and specifications subject to change without notice.
This product has been designed and qualified for the commercial market.
Qualification Standards can be found on IR’s Web site.


Podobny numer części - IRF7726TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7726PBF IRF-IRF7726PBF Datasheet
128Kb / 10P
   HEXFET Power MOSFET
IRF7726PBF IRF-IRF7726PBF Datasheet
133Kb / 10P
   Ultra Low On-Resistance
IRF7726PBF IRF-IRF7726PBF_15 Datasheet
133Kb / 10P
   Ultra Low On-Resistance
More results

Podobny opis - IRF7726TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com