Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-261A-020E Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-261A-020E
Szczegółowy opis  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A-020E Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A-020E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Insulation and Safety Related Specifications
8-Pin DIP
(300 Mil)
SO-8
Parameter
Symbol
Value
Value
Units
Conditions
Minimum External Air
L(101)
7.1
4.9
mm
Measured from input terminals to
Gap (External
output terminals, shortest distance
Clearance)
through air.
Minimum External
L(102)
7.4
4.8
mm
Measured from input terminals to
Tracking (External
output terminals, shortest distance
Creepage)
path along body.
Minimum Internal Plastic
0.08
0.08
mm
Through insulation distance, conductor
Gap (Internal Clearance)
to conductor, usually the direct
distance between the photoemitter and
photodetector inside the optocoupler
cavity.
Tracking Resistance
CTI
200
200
Volts
DIN IEC 112/ VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89,
Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
Description
Symbol
PDIP Option 060
SO-8 Option 60
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 V rms
I-IV
for rated mains voltage ≤ 300 V rms
I-IV
I-III
for rated mains voltage ≤ 600 V rms
I-III
I-II
Climatic Classification
55/85/21
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
V
IORM
630
566
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test
V
PR
1181
1063
V
peak
with t
m = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.5 = VPR, Type and Sample Test,
V
PR
945
849
V
peak
t
m = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
V
IOTM
6000
4000
V
peak
(Transient Overvoltage, t
ini = 10 sec)
Safety Limiting Values
(See below for Thermal Derating Curve Figures)
Case Temperature
T
S
175
150
˚C
Input Current
I
S,INPUT
230
150
mA
Output Power
P
S,OUTPUT
600
600
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Podobny numer części - HCPL-261A-020E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A-020E AVAGO-HCPL-261A-020E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Podobny opis - HCPL-261A-020E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com