Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G06GW125 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVC1G06GW125
Szczegółowy opis  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GW125 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G06GW125 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
6 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLZ and tPZL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3
6.5
1.0
8.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.9
4
0.5
5.5
ns
VCC = 2.7 V
0.5
2.5
4.5
0.5
6
ns
VCC = 3.0 V to 3.6 V
0.5
2.3
4
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.7
3
0.5
4
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-14-
-
-
pF
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 8.
The input A to output Y propagation delay times
mna621
tPLZ
VX
Y output
A input
VI
VCC
VM
VOL
GND
tPZL
VM


Podobny numer części - 74LVC1G06GW125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G06GW PHILIPS-74LVC1G06GW Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06GW NXP-74LVC1G06GW Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GW NXP-74LVC1G06GW Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06GW NEXPERIA-74LVC1G06GW Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
74LVC1G06GW-Q100 NEXPERIA-74LVC1G06GW-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results

Podobny opis - 74LVC1G06GW125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com