Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G06GW Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LVC1G06GW
Szczegółowy opis  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GW Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LVC1G06GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
3 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT353-1 and SOT753
Fig 5.
Pin configuration SOT886
74LVC1G06
n.c.
VCC
A
GND
Y
001aaf192
1
2
3
5
4
74LVC1G06
A
001aaf193
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1226 (X2SON5)
74LVC1G06
A
001aaf399
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
n.c.
VCC
GND
1
3
2
5
4
A
Y
aaa-003021
Transparent top view
74LVC1G06
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5 and X2SON5
XSON6
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage


Podobny numer części - 74LVC1G06GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G06GW PHILIPS-74LVC1G06GW Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06GW NXP-74LVC1G06GW Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GW NXP-74LVC1G06GW Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06GW NEXPERIA-74LVC1G06GW Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
74LVC1G06GW-Q100 NEXPERIA-74LVC1G06GW-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results

Podobny opis - 74LVC1G06GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com