Zakładka z wyszukiwarką danych komponentów |
|
74LVC1G06GM Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LVC1G06GM Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 18 page 74LVC1G06 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 29 June 2012 5 of 18 NXP Semiconductors 74LVC1G06 Inverter with open-drain output 10. Static characteristics [1] All typical values are measured at VCC = 3.3 V and Tamb = 25 C. Table 7. Static characteristics At recommended operating conditions. Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V 0.65VCC - - 0.65VCC -V VCC = 2.3 V to 2.7 V 1.7 - - 1.7 - V VCC = 2.7 V to 3.6 V 2.0 - - 2.0 - V VCC = 4.5 V to 5.5 V 0.7VCC - - 0.7VCC -V VIL LOW-level input voltage VCC = 1.65 V to 1.95 V - - 0.35VCC - 0.35VCC V VCC = 2.3 V to 2.7 V - - 0.7 - 0.7 V VCC = 2.7 V to 3.6 V - - 0.8 - 0.8 V VCC = 4.5 V to 5.5 V - - 0.3VCC -0.3VCC V VOL LOW-level output voltage VI = VIH or VIL IO = 100 A; VCC =1.65Vto5.5 V - - 0.10 - 0.10 V IO = 4 mA; VCC = 1.65 V - - 0.45 - 0.70 V IO = 8 mA; VCC = 2.3 V - - 0.30 - 0.45 V IO = 12 mA; VCC = 2.7 V - - 0.40 - 0.60 V IO = 24 mA; VCC = 3.0 V - - 0.55 - 0.80 V IO = 32 mA; VCC = 4.5 V - - 0.55 - 0.80 V II input leakage current VI = 5.5 V or GND; VCC =0Vto5.5 V - 0.1 5- 100 A IOFF power-off leakage current VI or VO = 5.5 V; VCC =0 V - 0.1 10 - 200 A ICC supply current VI = 5.5 V or GND; IO = 0 A; VCC =1.65Vto5.5 V - 0.1 10 - 200 A I CC additional supply current VI =VCC 0.6 V; IO =0A; VCC = 2.3 V to 5.5 V; per pin - 5 500 - 5000 A CI input capacitance VCC = 3.3 V; VI =GND to VCC -5 - - - pF |
Podobny numer części - 74LVC1G06GM |
|
Podobny opis - 74LVC1G06GM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |