Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3648T Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 2SC3648T
Szczegółowy opis  High-Voltage Switching, Preriver Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3648T Arkusz danych(HTML) 1 Page - ON Semiconductor

  2SC3648T Datasheet HTML 1Page - ON Semiconductor 2SC3648T Datasheet HTML 2Page - ON Semiconductor 2SC3648T Datasheet HTML 3Page - ON Semiconductor 2SC3648T Datasheet HTML 4Page - ON Semiconductor 2SC3648T Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1418 / 2SC3648
Rev.0 I Page 1 of 5 I www.onsemi.com
Applications
Color TV audio output, inverter.
Features
Adoption of FBET, MBIT processes.
High breakdown voltage and large current capacity.
Fast switching speed.
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s.
Specifications ( ) : 2SA1418
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)0.7
A
Collector Current (Pulse)
ICP
(--)1.5
A
Collector Dissipation
PC
500
mW
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking 2SA1418 : AD
2SC3648 : CD
Ordering number : EN1788B
2SA1418 / 2SC3648
PNP / NPN Epitaxial Planar Silicon Transistors
High-Voltage Switching,
Preriver Applications
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SA1418_2SC3648/D


Podobny numer części - 2SC3648T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SC3648T-TD-E ONSEMI-2SC3648T-TD-E Datasheet
349Kb / 7P
   Bipolar Transistor
August, 2013
More results

Podobny opis - 2SC3648T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418_10 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
2SA1418 SANYO-2SA1418_12 Datasheet
452Kb / 7P
   High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching Preriver Applications
Jan-2011, Rev. 0
2SC3648S ONSEMI-2SC3648S Datasheet
134Kb / 5P
   High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com