Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC327-25RL1G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BC327-25RL1G
Szczegółowy opis  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC327-25RL1G Arkusz danych(HTML) 2 Page - ON Semiconductor

  BC327-25RL1G Datasheet HTML 1Page - ON Semiconductor BC327-25RL1G Datasheet HTML 2Page - ON Semiconductor BC327-25RL1G Datasheet HTML 3Page - ON Semiconductor BC327-25RL1G Datasheet HTML 4Page - ON Semiconductor BC327-25RL1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC327, BC327−16, BC327−25, BC327−40
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mA, IB = 0)
V(BR)CEO
−45
Vdc
Collector−Emitter Breakdown Voltage
(IC = −100 mA, IE = 0)
V(BR)CES
−50
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mA, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCB = −30 V, IE = 0)
ICBO
−100
nAdc
Collector Cutoff Current
(VCE = −45 V, VBE = 0)
ICES
−100
nAdc
Emitter Cutoff Current
(VEB = −4.0 V, IC = 0)
IEBO
−100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −100 mA, VCE = −1.0 V)
BC327
BC327−16
BC327−25
BC327−40
(IC = −300 mA, VCE = −1.0 V)
hFE
100
100
160
250
40
630
250
400
630
Base−Emitter On Voltage
(IC = −300 mA, VCE = −1.0 V)
VBE(on)
−1.2
Vdc
Collector−Emitter Saturation Voltage
(IC = −500 mA, IB = −50 mA)
VCE(sat)
−0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = −10 V, IE = 0, f = 1.0 MHz)
Cob
11
pF
Current−Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 V, f = 100 MHz)
fT
260
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
qJC(t) = (t) qJC
qJC = 100°C/W MAX
qJA(t) = r(t) qJA
qJA = 375°C/W MAX
D CURVES APPLY FOR
POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE


Podobny numer części - BC327-25RL1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC327-25RL1G ONSEMI-BC327-25RL1G Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-25RL1G ONSEMI-BC327-25RL1G Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results

Podobny opis - BC327-25RL1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com