Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24C21ZI Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części CAT24C21ZI
Szczegółowy opis  1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21ZI Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button CAT24C21ZI Datasheet HTML 2Page - ON Semiconductor CAT24C21ZI Datasheet HTML 3Page - ON Semiconductor CAT24C21ZI Datasheet HTML 4Page - ON Semiconductor CAT24C21ZI Datasheet HTML 5Page - ON Semiconductor CAT24C21ZI Datasheet HTML 6Page - ON Semiconductor CAT24C21ZI Datasheet HTML 7Page - ON Semiconductor CAT24C21ZI Datasheet HTML 8Page - ON Semiconductor CAT24C21ZI Datasheet HTML 9Page - ON Semiconductor CAT24C21ZI Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT24C21
http://onsemi.com
6
Figure 6. Write Cycle Timing
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8th Bit
Byte n
SCL
SDA
tWR
Page Write
The CAT24C21 writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The Page Write
operation (Figure 11) is initiated in the same manner as the
Byte Write operation, however instead of terminating after
the initial word is transmitted, the Master is allowed to send
up to fifteen additional bytes. After each byte has been
transmitted the CAT24C21 will respond with an ACK, and
internally increment the low order address bits by one. The
high order bits remain unchanged.
If the Master transmits more than sixteen bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
Once all sixteen bytes are received and the STOP
condition has been sent by the Master, the internal
programming cycle begins. At this point all received data is
written to the CAT24C21 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition is
issued to indicate the end of the host’s write operation, the
CAT24C21 initiates the internal write cycle. ACK polling
can be initiated immediately. This involves issuing the start
condition followed by the slave address for a write
operation. If the CAT24C21 is still busy with the write
operation, no ACK will be returned. If the CAT24C21 has
completed the write operation, an ACK will be returned and
the host can then proceed with the next read or write
operation.
Figure 7. Start/Stop Timing
START Bit
SDA
SCL
STOP Bit
Figure 8. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 9. Slave Address Bits
1
01
0
X
R/W
XX


Podobny numer części - CAT24C21ZI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24C21ZI-GT3 ONSEMI-CAT24C21ZI-GT3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21ZI-T3 ONSEMI-CAT24C21ZI-T3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21ZITE13 CATALYST-CAT24C21ZITE13 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com