Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24M01HU5I-GT3 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części CAT24M01HU5I-GT3
Szczegółowy opis  1 Mb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24M01HU5I-GT3 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button CAT24M01HU5I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 10Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 11Page - ON Semiconductor CAT24M01HU5I-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT24M01
http://onsemi.com
8
READ OPERATIONS
Immediate Address Read
In standby mode, the CAT24M01 internal address counter
points to the data byte immediately following the last byte
accessed by a previous operation. If that ‘previous’ byte was
the last byte in memory, then the address counter will point
to the 1st memory byte, etc.
When, following a START, the CAT24M01 is presented
with a Slave address containing a ‘1’ in the R/W bit position
(Figure 10), it will acknowledge (ACK) in the 9th clock cycle,
and will then transmit data being pointed at by the internal
address counter. The Master can stop further transmission by
issuing a NoACK, followed by a STOP condition.
Selective Read
The Read operation can also be started at an address
different from the one stored in the internal address counter.
The address counter can be initialized by performing a
‘dummy’ Write operation (Figure 11). Here the START is
followed by the Slave address (with the R/W bit set to ‘0’)
and the desired two byte address. Instead of following up
with data, the Master then issues a 2nd START, followed by
the ‘Immediate Address Read’ sequence, as described
earlier.
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT24M01, then the device will continue
transmitting as long as each data byte is acknowledged by
the Master (Figure 12). If the end of memory is reached
during sequential Read, then the address counter will
‘wrap−around’ to the beginning of memory, etc. Sequential
Read works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting byte
address.
Figure 10. Immediate Address Read Timing
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 11. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
A
R
T
SLAVE
S
A
C
K
S
T
A
R
T
P
S
T
O
P
BYTE ADDRESS
ADDRESS
N
O
A
C
K
DATA
BUS ACTIVITY:
MASTER
SDA LINE
a15 − a8
a7 − a0
Figure 12. Sequential Read Timing
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
N
O
A
C
K
DATA n
BUS ACTIVITY:
MASTER
SDA LINE
A
C
K
DATA n+1
DATA n+2
A
C
K
A
C
K
DATA n+x


Podobny numer części - CAT24M01HU5I-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24M01HU5I-GT3 ONSEMI-CAT24M01HU5I-GT3 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
More results

Podobny opis - CAT24M01HU5I-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24M01_1110 ONSEMI-CAT24M01_1110 Datasheet
185Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com