Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT28C256PA12 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części CAT28C256PA12
Szczegółowy opis  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256PA12 Arkusz danych(HTML) 3 Page - ON Semiconductor

  CAT28C256PA12 Datasheet HTML 1Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 2Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 3Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 4Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 5Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 6Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 7Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 8Page - ON Semiconductor CAT28C256PA12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT28C256
http://onsemi.com
3
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
–2.0 V to +VCC + 2.0 V
V
VCC with Respect to Ground
−2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
°C
Output Short Circuit Current (Note 2)
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 2. RELIABILITY CHARACTERISTICS (Note 3)
Symbol
Parameter
Test Method
Min
Max
Units
NEND
Endurance
MIL−STD−883, Test Method 1033
100,000
Cycles/Byte
TDR
Data Retention
MIL−STD−883, Test Method 1008
100
Years
VZAP
ESD Susceptibility
MIL−STD−883, Test Method 3015
2,000
V
ILTH (Note 4)
Latch−Up
JEDEC Standard 17
100
mA
3. These parameters are tested initially and after a design or process change that affects the parameters.
4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
Table 3. D.C. OPERATING CHARACTERISTICS (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICC
VCC Current (Operating, TTL)
CE = OE = VIL,
f = 8 MHz, All I/O’s Open
30
mA
ICCC (Note 5)
VCC Current (Operating, CMOS)
CE = OE = VILC,
f = 8 MHz, All I/O’s Open
25
mA
ISB
VCC Current (Standby, TTL)
CE = VIH, All I/O’s Open
1
mA
ISBC (Note 6)
VCC Current (Standby, CMOS)
CE = VIHC, All I/O’s Open
150
mA
ILI
Input Leakage Current
VIN = GND to VCC
−10
10
mA
ILO
Output Leakage Current
VOUT = GND to VCC,
CE = VIH
−10
10
mA
VIH (Note 6)
High Level Input Voltage
2
VCC + 0.3
V
VIL (Note 5)
Low Level Input Voltage
−0.3
0.8
V
VOH
High Level Output Voltage
IOH = −400 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
0.4
V
VWI
Write Inhibit Voltage
3.5
V
5. VILC = −0.3 V to +0.3 V.
6. VIHC = VCC −0.3 V to VCC + 0.3 V.


Podobny numer części - CAT28C256PA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT28C256PA-12T CATALYST-CAT28C256PA-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256PA-12T CATALYST-CAT28C256PA-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256PA-12T ONSEMI-CAT28C256PA-12T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C256PA-15T CATALYST-CAT28C256PA-15T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256PA-15T CATALYST-CAT28C256PA-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Podobny opis - CAT28C256PA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256 ONSEMI-CAT28C256 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com