Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT1161LI-28-G Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części CAT1161LI-28-G
Szczegółowy opis  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1161LI-28-G Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button CAT1161LI-28-G Datasheet HTML 5Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 6Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 7Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 8Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 9Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 10Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 11Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 12Page - ON Semiconductor CAT1161LI-28-G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT1161, CAT1162
http://onsemi.com
9
READ OPERATIONS
The READ operation for the CAT1161/2 is initiated in the
same manner as the write operation with one exception, that
R/W bit is set to one. Three different READ operations are
possible:
Immediate/Current
Address
READ,
Selective/Random READ and Sequential READ.
Immediate/Current Address Read
The CAT1161/2 address counter contains the address of
the last byte accessed, incremented by one. In other words,
if the last READ or WRITE access was to address N, the
READ immediately following would access data from
address N+1. For all devices, N=E=2047. The counter will
wrap around to Zero and continue to clock out valid data for
the 16K devices. After the CAT1161/2 receives its slave
address information (with the R/W bit set to one), it issues
an acknowledge, then transmits the 8−bit byte requested.
The master device does not send an acknowledge, but will
generate a STOP condition.
Figure 9. Immediate Address Read Timing
SCL
SDA8TH BIT
STOP
NO ACK
DATA OUT
8
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
9
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte addresses of the location it wishes to read.
After the CAT1161/2 acknowledges, the Master device
sends the START condition and the slave address again, this
time with the R/W bit set to one. The CAT1161/2 then
responds with its acknowledge and sends the 8−bit byte
requested. The master device does not send an acknowledge
but will generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by either
the Immediate Address READ or Selective READ
operations. After the CAT1161/2 sends the inital 8−bit byte
requested, the Master will responds with an acknowledge
which tells the device it requires more data. The CAT1161/2
will continue to output an 8−bit byte for each acknowledge,
thus sending the STOP condition.
The data being transmitted from the CAT1161/2 is
outputted sequentially with data from address N followed by
data from address N+1. The READ operation address
counter increments all of the CAT1161/2 address bits so that
the entire memory array can be read during one operation.
If more than E (where E=2047 for the CAT1161/2) bytes are
read out, the counter will ‘wrap around’ and continue to
clock out data bytes.
Manual Reset Operation
The CAT116x RESET or RESET pin can also be used as
a manual reset input.
Only the “active” edge of the manual reset input is
internally sensed. The positive edge is sensed if RESET is
used as a manual reset input and the negative edge is sensed
if RESET is used as a manual reset input.
An internal counter starts a 200 ms count. During this
time, the complementary reset output will be kept in the
active state. If the manual reset input is forced active for
more than 200 ms, the complementary reset output will
switch back to the non active state after the 200 ms expired,
regardless for how long the manual reset input is forced
active.
The embedded EEPROM is disabled as long as a reset
condition is maintained on any RESET pin. If the external
forced RESET/RESET is longer than internal controlled
time−out period, tPURST, the memory will not respond with
an acknowledge for any access as long as the manual reset
input is active.


Podobny numer części - CAT1161LI-28-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT1161LI-28-G ONSEMI-CAT1161LI-28-G Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161LI-28-G ONSEMI-CAT1161LI-28-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161LI-28-G ONSEMI-CAT1161LI-28-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161LI-28-GT2 CATALYST-CAT1161LI-28-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161LI-28-GT3 CATALYST-CAT1161LI-28-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results

Podobny opis - CAT1161LI-28-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com