Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD17483F4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części CSD17483F4
Szczegółowy opis  30 V, N-Channel FemtoFET MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17483F4 Arkusz danych(HTML) 2 Page - Texas Instruments

  CSD17483F4_13 Datasheet HTML 1Page - Texas Instruments CSD17483F4_13 Datasheet HTML 2Page - Texas Instruments CSD17483F4_13 Datasheet HTML 3Page - Texas Instruments CSD17483F4_13 Datasheet HTML 4Page - Texas Instruments CSD17483F4_13 Datasheet HTML 5Page - Texas Instruments CSD17483F4_13 Datasheet HTML 6Page - Texas Instruments CSD17483F4_13 Datasheet HTML 7Page - Texas Instruments CSD17483F4_13 Datasheet HTML 8Page - Texas Instruments CSD17483F4_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD17483F4
SLPS447A – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 10 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
0.65
0.85
1.10
V
VGS = 1.8 V, IDS =0.5 A
370
550
m
VGS = 2.5 V, IDS =0.5 A
240
310
m
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5 V, IDS = 0.5 A
200
260
m
VGS = 8 V, IDS =0.5 A
185
240
m
gfs
Transconductance
VDS = 15 V, IDS = 0.5 A
2.4
S
Dynamic Characteristics
Ciss
Input Capacitance
145
190
pF
VGS = 0 V, VDS = 15 V,
Coss
Output Capacitance
42
55
pF
f = 1 MHz
Crss
Reverse Transfer Capacitance
2
3
pF
RG
Series Gate Resistance
23
Qg
Gate Charge Total (4.5 V)
1010
1300
pC
Qgd
Gate Charge Gate to Drain
130
pC
VDS = 15 V, IDS = 0.5 A
Qgs
Gate Charge Gate to Source
220
pC
Qg(th)
Gate Charge at Vth
145
pC
Qoss
Output Charge
VDS = 15 V, VGS = 0 V
1095
pC
td(on)
Turn On Delay Time
3.3
ns
tr
Rise Time
1.3
ns
VDS = 0 V, VGS = 4.5 V,
IDS = 0.5 A,RG = 2 Ω
td(off)
Turn Off Delay Time
10.6
ns
tf
Fall Time
3.4
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 0.5 A, VGS = 0 V
0.73
0.9
V
Qrr
Reverse Recovery Charge
1475
pC
VDS= 15 V, IF = 0.5 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
5.5
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
Typical Values
UNIT
Thermal Resistance Junction to Ambient(1)
90
°C/W
RθJA
Thermal Resistance Junction to Ambient(2)
250
°C/W
(1)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD17483F4


Podobny numer części - CSD17483F4_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17483F4R TI-CSD17483F4R Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD17483F4_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
[Old version datasheet]   CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com