Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4537MC Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części LA4537MC
Szczegółowy opis  Power Amplifier for 1.5V Headphone Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4537MC Arkusz danych(HTML) 6 Page - ON Semiconductor

  LA4537MC Datasheet HTML 1Page - ON Semiconductor LA4537MC Datasheet HTML 2Page - ON Semiconductor LA4537MC Datasheet HTML 3Page - ON Semiconductor LA4537MC Datasheet HTML 4Page - ON Semiconductor LA4537MC Datasheet HTML 5Page - ON Semiconductor LA4537MC Datasheet HTML 6Page - ON Semiconductor LA4537MC Datasheet HTML 7Page - ON Semiconductor LA4537MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA4537MC
No.A2033-6/8
Vg -- fin
20
25
30
35
55
60
65
50
60
70
80
90
40
25
27.5
30
32.5
35
0.01
23
5 7
23
5 7
1
1.5
2
2.5
3.5
1
23
5 7
23
5 7
10
0.1
1
1.5
2
2.5
3
3.5
1
23
5
7
10
2
3
57
2
3
57
23
5 7
23
5 7
2 3
5 7
23
5 7
0.1
1
10
23
10
57
2
3
57
2
3
57
2
3
57
3
1
1.5
2
2.5
3
3.5
10
100
4
Supply voltage, VCC -- V
Vg -- VCC
0.5
Supply voltage, VCC -- V
Vno -- VCC
50
70
0.5
4
Signal source resistance, Rg -- kΩ
Vno -- Rg
40
100
0.1
100
Frequency, fin -- kHz
40
50
40
45
50
Frequency, fin -- kHz
CT -- fin
30
60
0.01
100
Supply voltage, VCC -- V
CT -- VCC
35
55
0.5
4
30
40
50
60
2
3
5
7
2
3
5
7
100
Capacitance, Cref -- µF
CT -- Cref
20
70
1100
Capacitance, Cref -- µF
AMP On-time -- Cref
10
1000
1100
VCC=1.2V
VO=-20dBm
RL=16Ω
Cout=220µF
VO=-20dBm
fin=1kHz
RL=16Ω
Cout=220µF
VCC=1.2V
VO=-20dBm
Rg=1kΩ
RL=16Ω
VCC=1.2V
VO=-20dBm
f=100Hz
Rg=1kΩ
RL=16Ω
VCC=1.2V
RL=16Ω
VO=-20dBm
fin=100Hz
Rg=1kΩ
RL=16Ω
Rg=1kΩ
RL=16Ω
VCC=2.5V
RL=16Ω


Podobny numer części - LA4537MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
More results

Podobny opis - LA4537MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com