Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SS422 Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Numer części 1SS422
Szczegółowy opis  High Speed SWITCHING Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Strona internetowa  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1SS422 Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1SS422 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1SS422 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1SS422 High Speed SWITCHING Diodes
FEATURES
Small surface mounting type
High Speed
High reliability with high surge current handing capability
MARKING: 6
Maximum Ratings and Electrical Characteristics, Single Diode @TA= 25
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
100
V
DC reverse voltage
VR
85
V
Peak forward current
IFM
500
mA
Mean rectifying current
IO
150
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55~+125
Electrical Ratings @TA= 25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=150mA
Reverse current
IR
0.1
µA
VR=85V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
1SS422
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
1.20
1.60
0.30
0.80
0.65
0.10
SOD-523
RoHS


Podobny numer części - 1SS422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
Diode Semiconductor Kor...
1SS422 DSK-1SS422 Datasheet
236Kb / 3P
   High speed Switching Diode
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS422 BILIN-1SS422 Datasheet
153Kb / 3P
   High speed Switching Diode
logo
TRANSYS Electronics Lim...
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
   Plastic-Encapsulated Diodes
More results

Podobny opis - 1SS422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com