Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11683H Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części LB11683H
Szczegółowy opis  Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11683H Arkusz danych(HTML) 6 Page - ON Semiconductor

  LB11683H Datasheet HTML 1Page - ON Semiconductor LB11683H Datasheet HTML 2Page - ON Semiconductor LB11683H Datasheet HTML 3Page - ON Semiconductor LB11683H Datasheet HTML 4Page - ON Semiconductor LB11683H Datasheet HTML 5Page - ON Semiconductor LB11683H Datasheet HTML 6Page - ON Semiconductor LB11683H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11683H
No. A0954-6/7
Continued from preceding page.
Pin
No.
Symbol
Description
Pin Voltage
Equivalent Circuit
14
PCOUT
VCO circuit PLL output
14
VREG
VCC
12
13
GND
Ground for all other than the output transistor
7
BFGO
Motor counter-electromotive voltage detection
FG output (single-phase only).
Open collector output
7
VREG
100
μA
6
FC
Frequency characteristics compensation pin.
Insertion of a capacitor between this pin and
ground stops oscillation of the closed loop of
current control system.
6
VREG
VCC
9
RD
Lock detection output.
When motor is running: low-level
When motor is locked: high-level
Open collector output
9
VREG
15k
Ω
8
CT
Lock protection ON/OFF time setting capacitor
connection pin.
The capacitor connected between this pin and
ground determines the driver ON/OFF time
when the motor is locked.
8
25k
Ω
VREG
VCC
2S
0.1
μA1μA
15
μA


Podobny numer części - LB11683H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results

Podobny opis - LB11683H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com