Zakładka z wyszukiwarką danych komponentów |
|
2SA1625 Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
2SA1625 Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD 2SA1625 TRANSISTOR (PNP) FEATURES Power dissipation PCM : 750 mW (Tamb=25 ℃) Collector current ICM : -0.5 A Collector-base voltage V(BR)CBO : -400 V Operating and storage junction temperature range TJ, Tstg: -55 ℃ to +150℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic= -100µA, IE=0 -400 V Collector-emitter breakdown voltage V(BR)CEO Ic= -1mA, IB=0 -400 V Emitter-base breakdown voltage V(BR)EBO IE=-100µA, IC=0 -7 V Collector cut-off current ICBO VCB=-400V, IE=0 -1 µA Emitter cut-off current IEBO VEB=-5V, IC=0 -1 µA DC current gain hFE(1) VCE=-5V, IC=-50mA 40 200 Collector-emitter saturation voltage VCE(sat) IC=-100mA, IB=-10mA -1 V Base-emitter saturation voltage VBE(sat) IC=-100mA, IB=-10mA -1.2 V Transition frequency fT VCE=-10V, IC=-10mA 10 MHz Collector output capacitance Cob VCB=-10V, IE=0, f=1MHz 20 40 pF Turn-on Time ton 1 µs Storage Time tstg 5 µs Fall-Time tf VCC=-150V, Ic=-100mA, IB!=IB2-10mA, RL=1.5K Ω 1 µs CLASSIFICATION OF hFE(1) Rank M L K Range 40-80 60-120 100-200 1 2 3 TO-92 1. EMITTER 2. COLLECTOR 3. BASE 2SA1625 Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
Podobny numer części - 2SA1625 |
|
Podobny opis - 2SA1625 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |