Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11873-TRM-E Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LB11873-TRM-E
Szczegółowy opis  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11873-TRM-E Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LB11873-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 9Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 10Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 11Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 12Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LB11873
No.A0081-9/14
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
18
CSD
Initial reset pulse generation and protection circuit
reference oscillator
Connect a capacitor between this pin and ground.
19
FGS
FG Schmitt trigger output
20
LD
Phase lock detection output
This output goes to the on state (low-level output)
in the phase locked state.
21
S/S
Start/stop control
Low : 0V to 1.0V
High : 2.0V to VREG
Hysteresis : about 0.25V
This pin goes to the high level when open.
A low level specifies the start state.
22
CLK
Clock input
Low : 0V to 1.0V
High : 2.0V to VREG
Hysteresis : about 0.25V
fCLK = 10kHz max.
If there is noise on this signal, insert a noise
rejection capacitor at this input.
Continued on next page.
VREG
300
Ω
18
19
20
5k
Ω
VREG
VREG
5k
Ω
21
VREG
20k
Ω
30k
Ω
VREG
20k
Ω
22
30k
Ω


Podobny numer części - LB11873-TRM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Podobny opis - LB11873-TRM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com