Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F1K64 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części LC87F1K64
Szczegółowy opis  8-bit Microcontroller with USB-host Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64 Arkusz danych(HTML) 5 Page - ON Semiconductor

  LC87F1K64 Datasheet HTML 1Page - ON Semiconductor LC87F1K64 Datasheet HTML 2Page - ON Semiconductor LC87F1K64 Datasheet HTML 3Page - ON Semiconductor LC87F1K64 Datasheet HTML 4Page - ON Semiconductor LC87F1K64 Datasheet HTML 5Page - ON Semiconductor LC87F1K64 Datasheet HTML 6Page - ON Semiconductor LC87F1K64 Datasheet HTML 7Page - ON Semiconductor LC87F1K64 Datasheet HTML 8Page - ON Semiconductor LC87F1K64 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LC87F1K64A
No.A2197-5/35
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillators do not stop automatically.
2) There are three ways of releasing HOLD mode.
(1) Setting the reset pin to a low level.
(2) Generating a reset signal by watchdog timer or low-voltage detection
(3) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and operation of the peripheral circuits.
1) The PLL, CF, RC and crystal oscillators automatically stop operation.
Note: Low-speed RC oscillator is controlled directly by the watchdog timer and its oscillation in standby mode
is also controlled.
2) There are five ways of releasing HOLD mode.
(1) Setting the reset pin to a low level
(2) Generating a reset signal by the watchdog timer or low-voltage detection
(3) Establishing an interrupt source at one of INT0, INT1, INT2, INT4, and INT5 pins
* INT0 and INT1 HOLD mode release is available only when level detection is configured.
(4) Establishing an interrupt source at port 0
(5) Establishing an bus active interrupt source in the USB host control circuit
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and infrared remote control receiver circuit.
1) The PLL, CF and RC oscillators automatically stop operation.
Note: Low-speed RC oscillator is controlled directly by the watchdog timer and its oscillation in standby mode
is also controlled.
Note: The low-speed RC oscillator retains the state that is established on entry into X'tal HOLD mode if the base
timer is running with the low-speed RC oscillator selected as the base timer input clock source.
2) The state of crystal oscillator established when the X'tal HOLD mode is entered is retained.
3) There are seven ways of releasing X'tal HOLD mode.
(1) Setting the reset pin to a low level
(2) Generating a reset signal by the watchdog timer or low-voltage detection
(3) Establishing an interrupt source at one of INT0, INT1, INT2, INT4, and INT5 pins
* INT0 and INT1 X'tal HOLD mode release is available only when level detection is configured.
(4) Establishing an interrupt source at port 0
(5) Establishing an interrupt source in the base timer circuit
(6) Establishing an interrupt source in the infrared remote control receiver circuit
(7) Establishing an bus active interrupt source in the USB host control circuit
Development Tools
• On-chip debugger: TCB87–Type B + LC87F1K64A or
TCB87–Type C (3-wire communication cable) + LC87F1K64A
Flash ROM Programming Board
Package
Programming Board
SQFP48 (7×7)
W87F55256SQ


Podobny numer części - LC87F1K64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC87F1K64A ONSEMI-LC87F1K64A Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
More results

Podobny opis - LC87F1K64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com