Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F1K64 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC87F1K64
Szczegółowy opis  8-bit Microcontroller with USB-host Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC87F1K64 Datasheet HTML 7Page - ON Semiconductor LC87F1K64 Datasheet HTML 8Page - ON Semiconductor LC87F1K64 Datasheet HTML 9Page - ON Semiconductor LC87F1K64 Datasheet HTML 10Page - ON Semiconductor LC87F1K64 Datasheet HTML 11Page - ON Semiconductor LC87F1K64 Datasheet HTML 12Page - ON Semiconductor LC87F1K64 Datasheet HTML 13Page - ON Semiconductor LC87F1K64 Datasheet HTML 14Page - ON Semiconductor LC87F1K64 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LC87F1K64A
No.A2197-11/35
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
• 4-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input / HOLD release input / timer 0L capture input /
watchdog timer output
P71: INT1 input / HOLD release input / timer 0H capture input
P72: INT2 input / HOLD release input / timer 0 event input /
timer 0L capture input / high-speed clock counter input
P73: INT3 input (input with noise filter) / timer 0 event input /
timer 0H capture input / infrared remote control receiver input
AD converter input port: AN8 (P70), AN9 (P71)
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H Level
L Level
INT0
Enable
Enable
Disable
Enable
Enable
INT1
Enable
Enable
Disable
Enable
Enable
INT2
Enable
Enable
Enable
Disable
Disable
INT3
Enable
Enable
Enable
Disable
Disable
P70 to P73
I/O
No
PWM0
PWM1
I/O
PWM0 and PWM1 output port
General-purpose input port
• Pin functions
PWM0: Audio interface master clock output
PWM1: Audio interface master clock input
No
UHAD-
UHAD+
I/O
USB-A port data I/O pin / general-purpose I/O port
No
UHBD-
UHBD+
I/O
USB-B port data I/O pin / general-purpose I/O port
No
RES
I/O
External reset input / internal reset output
No
XT1
I
• 32.768kHz crystal resonator input
• Pin functions
General-purpose input port
AD converter input port: AN10
No
XT2
I/O
• 32.768kHz crystal resonator output
• Pin functions
General-purpose I/O port
AD converter input port: AN11
No
CF1
I
Ceramic/crystal resonator input
No
CF2
O
Ceramic/crystal resonator output
No


Podobny numer części - LC87F1K64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC87F1K64A ONSEMI-LC87F1K64A Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
More results

Podobny opis - LC87F1K64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com