Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G02GS Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AUP1G02GS
Szczegółowy opis  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GS Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G02GS Datasheet HTML 4Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 5Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 6Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 9Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 10Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 11Page - NXP Semiconductors 74AUP1G02GS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74AUP1G02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 June 2012
8 of 21
NXP Semiconductors
74AUP1G02
Low-power 2-input NOR gate
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = 25
°C; CL = 5 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
17.0
-
ns
VCC = 1.1 V to 1.3 V
2.5
5.1
10.8
ns
VCC = 1.4 V to 1.6 V
1.6
3.7
6.7
ns
VCC = 1.65 V to 1.95 V
1.3
3.0
5.3
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
3.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
3.4
ns
Tamb = 25
°C; CL = 10 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
20.4
-
ns
VCC = 1.1 V to 1.3 V
2.4
6.0
12.8
ns
VCC = 1.4 V to 1.6 V
1.9
4.3
7.9
ns
VCC = 1.65 V to 1.95 V
1.6
3.6
6.2
ns
VCC = 2.3 V to 2.7 V
1.4
3.0
4.7
ns
VCC = 3.0 V to 3.6 V
1.3
2.7
4.2
ns
Tamb = 25
°C; CL = 15 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
23.9
-
ns
VCC = 1.1 V to 1.3 V
3.4
6.8
14.6
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
8.9
ns
VCC = 1.65 V to 1.95 V
1.9
4.0
7.0
ns
VCC = 2.3 V to 2.7 V
1.7
3.4
5.4
ns
VCC = 3.0 V to 3.6 V
1.6
3.2
4.8
ns
Tamb = 25
°C; CL = 30 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
34.2
-
ns
VCC = 1.1 V to 1.3 V
4.6
9.0
19.9
ns
VCC = 1.4 V to 1.6 V
3.4
6.4
11.8
ns
VCC = 1.65 V to 1.95 V
2.6
5.3
9.3
ns
VCC = 2.3 V to 2.7 V
2.4
4.5
7.1
ns
VCC = 3.0 V to 3.6 V
2.3
4.2
6.4
ns


Podobny numer części - 74AUP1G02GS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G02GS NEXPERIA-74AUP1G02GS Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
More results

Podobny opis - 74AUP1G02GS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com