Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE7913ARIZ-RL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADE7913ARIZ-RL
Szczegółowy opis  3-Channel, Isolated, Sigma-Delta ADC with SPI
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADE7913ARIZ-RL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADE7913ARIZ-RL Datasheet HTML 6Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 7Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 8Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 9Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 10Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 11Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 12Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 13Page - Analog Devices ADE7913ARIZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 10 of 44
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +3.7 V
Analog Input Voltage to GNDISO, IP, IM,
V1P, V2P, VM
−2 V to +2 V
Reference Input Voltage to GNDISO
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Common-Mode Transients1
-100 kV/µs to +100
kV/µs
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)2
260°C
1
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-
up or permanent damage.
2
Analog Devices recommends that reflow profiles used in soldering RoHS
compliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for
the latest revision of this standard.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA and θJC are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead SOIC_IC
48.0
6.2
°C/W
ESD CAUTION
Table 8. Maximum Continuous Working Voltage Supporting a 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable Certification
AC Voltage, Bipolar Waveform
564
V peak
All certifications, 50-year operation
DC Voltage, Basic Insulation
600
V peak
1
Refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.


Podobny numer części - ADE7913ARIZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADE7913ARIZ-RL AD-ADE7913ARIZ-RL Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
More results

Podobny opis - ADE7913ARIZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADE7912 AD-ADE7912_V01 Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
   3-Channel, Sigma-Delta ADC with SPI
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com